công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 613 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 613 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 609Page - Renesas Technology Corp H8S/2472 Datasheet HTML 610Page - Renesas Technology Corp H8S/2472 Datasheet HTML 611Page - Renesas Technology Corp H8S/2472 Datasheet HTML 612Page - Renesas Technology Corp H8S/2472 Datasheet HTML 613Page - Renesas Technology Corp H8S/2472 Datasheet HTML 614Page - Renesas Technology Corp H8S/2472 Datasheet HTML 615Page - Renesas Technology Corp H8S/2472 Datasheet HTML 616Page - Renesas Technology Corp H8S/2472 Datasheet HTML 617Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 613 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 565 of 1198
REJ09B0403-0200
17.3.8
SS Receive Data Registers 0 to 3 (SSRDR0 to SSRDR3)
SSRDR is an 8-bit register that stores receive data. When 8-bit data length is selected by bits
DATS1 and DATS0 in SSCRL, SSRDR0 is valid. When 16-bit data length is selected, SSRDR0
and SSRDR1 are valid. When 32-bit data length is selected, SSRDR0 to SSRDR3 are valid.
When the SSU has received 1-byte data, it transfers the received serial data from SSTRSR to
SSRDR where it is stored. After this, SSTRSR is ready for reception. Since SSTRSR and SSRDR
function as a double buffer in this way, consecutive receive operations can be performed.
Read SSRDR after confirming that the RDRF bit in SSSR is set to 1.
SSRDR is a read-only register, therefore, cannot be written to by the CPU.
17.3.9
SS Shift Register (SSTRSR)
SSTRSR is a shift register that transmits and receives serial data.
When data is transferred from SSTDR to SSTRSR, bit 0 of transmit data is bit 0 in the SSTDR
contents (MLS = 0: LSB first communication) and is bit 7 in the SSTDR contents (MLS = 1: MSB
first communication). The SSU transfers data from the LSB (bit 0) in SSTRSR to the SSO pin to
perform serial data transmission.
In reception, the SSU sets serial data that has been input via the SSI pin in SSTRSR from the LSB
(bit 0). When 1-byte data has been received, the SSTRSR contents are automatically transferred to
SSRDR. SSTRSR cannot be directly accessed by the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com