công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 610 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 610 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 606Page - Renesas Technology Corp H8S/2472 Datasheet HTML 607Page - Renesas Technology Corp H8S/2472 Datasheet HTML 608Page - Renesas Technology Corp H8S/2472 Datasheet HTML 609Page - Renesas Technology Corp H8S/2472 Datasheet HTML 610Page - Renesas Technology Corp H8S/2472 Datasheet HTML 611Page - Renesas Technology Corp H8S/2472 Datasheet HTML 612Page - Renesas Technology Corp H8S/2472 Datasheet HTML 613Page - Renesas Technology Corp H8S/2472 Datasheet HTML 614Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 610 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 562 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
2
TDRE
1
R/W
Transmit Data Empty
Indicates whether or not SSTDR contains transmit data.
[Setting conditions]
• When the TE bit in SSER is 0
• When data is transferred from SSTDR to SSTRSR
and SSTDR is ready to be written to.
[Clearing conditions]
• When writing 0 after reading TDRE = 1
• When writing data to SSTDR with TE = 1
1
RDRF
0
R/W
Receive Data Register Full
Indicates whether or not SSRDR contains receive data.
[Setting condition]
• When receive data is transferred from SSTRSR to
SSRDR after successful serial data reception
[Clearing conditions]
• When writing 0 after reading RDRF = 1
• When reading receive data from SSRDR
0
CE
0
R/W
Conflict/Incomplete Error
Indicates that a conflict error has occurred
when 0 is externally input to the
SCS pin with SSUMS
= 0 (SSU mode) and MSS = 1 (master mode).
If the
SCS pin level changes to 1 with SSUMS = 0 (SSU
mode) and MSS
= 0 (slave mode), an incomplete error
occurs because it is determined that a master device
has terminated the transfer. Data reception does not
continue while the CE bit is set to 1. Serial transmission
also does not continue. Reset the SSU internal
sequencer by setting the SRES bit in SSCRL to 1
before resuming transfer after incomplete error.
[Setting condition]
• When a low level is input to the
SCS pin in master
mode (the MSS bit in SSCRH is set to 1)
• When the
SCS pin is changed to 1 during transfer in
slave mode (the MSS bit in SSCRH is cleared to 0)
[Clearing condition]
• When writing 0 after reading CE = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com