công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 609 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 609 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 605Page - Renesas Technology Corp H8S/2472 Datasheet HTML 606Page - Renesas Technology Corp H8S/2472 Datasheet HTML 607Page - Renesas Technology Corp H8S/2472 Datasheet HTML 608Page - Renesas Technology Corp H8S/2472 Datasheet HTML 609Page - Renesas Technology Corp H8S/2472 Datasheet HTML 610Page - Renesas Technology Corp H8S/2472 Datasheet HTML 611Page - Renesas Technology Corp H8S/2472 Datasheet HTML 612Page - Renesas Technology Corp H8S/2472 Datasheet HTML 613Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 609 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 561 of 1198
REJ09B0403-0200
17.3.5
SS Status Register (SSSR)
SSSR is a status flag register for interrupts.
Bit
Bit Name
Initial
Value
R/W
Description
7
0
Reserved
This bit is always read as 0. The initial value should not
be changed.
6
ORER
0
R/W
Overrun Error
If the next data is received while RDRF
= 1, an overrun
error occurs, indicating abnormal termination. SSRDR
stores 1-frame receive data before an overrun error
occurs and loses data to be received later. While ORER
= 1, consecutive serial reception cannot be continued.
Serial transmission cannot be continued, either.
[Setting condition]
When one byte of the next reception is completed with
RDRF
= 1
[Clearing condition]
When writing 0 after reading ORER
= 1
5, 4
All 0
R/W
Reserved
These bits are always read as 0. The initial value
should not be changed.
3
TEND
1
R
Transmit End
[Setting condition]
• When the last bit of transmit data is transmitted
while the TENDSTS bit in SSCR2 is cleared to 0
and the TDRE bit is set to 1
• After the last bit of transmit data is transmitted while
the TENDSTS bit in SSCR2 is set to 1 and the
TDRE bit is set to 1
[Clearing conditions]
• When writing 0 after reading TEND = 1
• When writing data to SSTDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com