công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 605 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 605 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 601Page - Renesas Technology Corp H8S/2472 Datasheet HTML 602Page - Renesas Technology Corp H8S/2472 Datasheet HTML 603Page - Renesas Technology Corp H8S/2472 Datasheet HTML 604Page - Renesas Technology Corp H8S/2472 Datasheet HTML 605Page - Renesas Technology Corp H8S/2472 Datasheet HTML 606Page - Renesas Technology Corp H8S/2472 Datasheet HTML 607Page - Renesas Technology Corp H8S/2472 Datasheet HTML 608Page - Renesas Technology Corp H8S/2472 Datasheet HTML 609Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 605 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 557 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
SOL
0
R/W
Serial Data Output Value Select
The serial data output retains its level of the last bit
after completion of transmission. The output level
before or after transmission can be specified by setting
this bit. When specifying the output level, use the MOV
instruction after clearing the SOLP bit to 0. Since writing
to this bit during data transmission causes malfunctions,
this bit should not be changed.
0: Serial data output is changed to low.
1: Serial data output is changed to high.
3
SOLP
1
R/W
SOL Bit Write Protect
When changing the output level of serial data, set the
SOL bit to 1 or clear the SOL bit to 0 after clearing the
SOLP bit to 0 using the MOV instruction.
0: Output level can be changed by the SOL bit
1: Output level cannot be changed by the SOL bit. This
bit is always read as 1.
2
SCKS
0
R/W
SSCK Pin Select
Selects that the SSCK pin functions as a port or a serial
clock pin. When the SSCK pin is used as a serial clock
pin, this bit must be set to 1.
0: Functions as an I/O port.
1: Functions as a serial clock.
1
0
CSS1
CSS0
0
0
R/W
R/W
SCS Pin Select
Select that the
SCS pin functions as a port or SCS input
or output. However, when MSS
= 0, the
SCS pin
functions as an input pin regardless of the CSS1 and
CSS0 settings.
00: I/O port
01: Function as
SCS input
10: Function as
SCS automatic input/output (function as
SCS input before and after transfer and output a
low level during transfer)
11: Function as
SCS automatic output (outputs a high
level before and after transfer and outputs a low
level during transfer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com