công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 606 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 606 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 602Page - Renesas Technology Corp H8S/2472 Datasheet HTML 603Page - Renesas Technology Corp H8S/2472 Datasheet HTML 604Page - Renesas Technology Corp H8S/2472 Datasheet HTML 605Page - Renesas Technology Corp H8S/2472 Datasheet HTML 606Page - Renesas Technology Corp H8S/2472 Datasheet HTML 607Page - Renesas Technology Corp H8S/2472 Datasheet HTML 608Page - Renesas Technology Corp H8S/2472 Datasheet HTML 609Page - Renesas Technology Corp H8S/2472 Datasheet HTML 610Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 606 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 558 of 1198
REJ09B0403-0200
17.3.2
SS Control Register L (SSCRL)
SSCRL selects operating mode, software reset, and transmit/receive data length.
Bit
Bit Name
Initial
Value
R/W
Description
7
0
R/W
Reserved
This bit is always read as 0. The initial value should not
be changed.
6
SSUMS
0
R/W
Selects transfer mode from SSU mode and clock
synchronous mode.
0: SSU mode
1: Clock synchronous mode
5
SRES
0
R/W
Software Reset
Setting this bit to 1 forcibly resets the SSU internal
sequencer. After that, this bit is automatically cleared.
The ORER, TEND, TDRE, RDRF, and CE bits in SSSR
and the TE and RE bits in SSER are also initialized.
Values of other bits for SSU registers are held.
To stop transfer, set this bit to 1 to reset the SSU
internal sequencer.
4 to 2
All 0
R/W
Reserved
These bits are always read as 0. The initial value
should not be changed.
1
0
DATS1
DATS0
0
0
R/W
R/W
Transmit/Receive Data Length Select
Select serial data length.
00: 8 bits
01: 16 bits
10: 32 bits
11: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com