công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 607 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 607 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 603Page - Renesas Technology Corp H8S/2472 Datasheet HTML 604Page - Renesas Technology Corp H8S/2472 Datasheet HTML 605Page - Renesas Technology Corp H8S/2472 Datasheet HTML 606Page - Renesas Technology Corp H8S/2472 Datasheet HTML 607Page - Renesas Technology Corp H8S/2472 Datasheet HTML 608Page - Renesas Technology Corp H8S/2472 Datasheet HTML 609Page - Renesas Technology Corp H8S/2472 Datasheet HTML 610Page - Renesas Technology Corp H8S/2472 Datasheet HTML 611Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 607 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 559 of 1198
REJ09B0403-0200
17.3.3
SS Mode Register (SSMR)
SSMR selects the MSB first/LSB first, clock polarity, clock phase, and clock rate of synchronous
serial communication.
Bit
Bit Name
Initial
Value
R/W
Description
7
MLS
0
R/W
MSB First/LSB First Select
Selects that the serial data is transmitted in MSB first or
LSB first.
0: LSB first
1: MSB first
6
CPOS
0
R/W
Clock Polarity Select
Selects the SSCK clock polarity.
0: High output in idle mode, and low output in active
mode
1: Low output in idle mode, and high output in active
mode
5
CPHS
0
R/W
Clock Phase Select (Only for SSU Mode)
Selects the SSCK clock phase.
0: Data changes at the first edge.
1: Data is latched at the first edge.
4, 3
All 0
R/W
Reserved
These bits are always read as 0. The initial value
should not be changed.
Transfer Clock Rate Select
Select the transfer clock rate (prescaler division rate)
when an internal clock is selected.
2
1
0
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
000: Reserved
001:
φ/4
010:
φ/8
011:
φ/16
100:
φ/32
101:
φ/64
110:
φ/128
111:
φ/256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com