công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 604 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 604 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 600Page - Renesas Technology Corp H8S/2472 Datasheet HTML 601Page - Renesas Technology Corp H8S/2472 Datasheet HTML 602Page - Renesas Technology Corp H8S/2472 Datasheet HTML 603Page - Renesas Technology Corp H8S/2472 Datasheet HTML 604Page - Renesas Technology Corp H8S/2472 Datasheet HTML 605Page - Renesas Technology Corp H8S/2472 Datasheet HTML 606Page - Renesas Technology Corp H8S/2472 Datasheet HTML 607Page - Renesas Technology Corp H8S/2472 Datasheet HTML 608Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 604 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 556 of 1198
REJ09B0403-0200
17.3.1
SS Control Register H (SSCRH)
SSCRH specifies master/slave device selection, bidirectional mode enable, SSO pin output value
selection, SSCK pin selection, and
SCS pin selection.
Bit
Bit Name
Initial
Value
R/W
Description
7
MSS
0
R/W
Master/Slave Device Select
Selects that this module is used in master mode or
slave mode. When master mode is selected, transfer
clocks are output from the SSCK pin. When the CE bit
in SSSR is set, this bit is automatically cleared.
0: Slave mode is selected.
1: Master mode is selected.
6
BIDE
0
R/W
Bidirectional Mode Enable
Selects that both serial data input pin and output pin are
used or one of them is used. However, transmission
and reception are not performed simultaneously when
bidirectional mode is selected. For details, section
17.4.3, Relationship between Data Input/Output Pins
and Shift Register.
0: Standard mode (two pins are used for data input and
output)
1: Bidirectional mode (one pin is used for data input and
output)
5
0
R/W
Reserved
This bit is always read as 0. The initial value should not
be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com