công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 601 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 601 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 597Page - Renesas Technology Corp H8S/2472 Datasheet HTML 598Page - Renesas Technology Corp H8S/2472 Datasheet HTML 599Page - Renesas Technology Corp H8S/2472 Datasheet HTML 600Page - Renesas Technology Corp H8S/2472 Datasheet HTML 601Page - Renesas Technology Corp H8S/2472 Datasheet HTML 602Page - Renesas Technology Corp H8S/2472 Datasheet HTML 603Page - Renesas Technology Corp H8S/2472 Datasheet HTML 604Page - Renesas Technology Corp H8S/2472 Datasheet HTML 605Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 601 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 553 of 1198
REJ09B0403-0200
Section 17 Synchronous Serial Communication Unit (SSU)
This LSI has synchronous serial communication unit (SSU) channels. The SSU has master mode
in which this LSI outputs clocks as a master device for synchronous serial communication and
slave mode in which clocks are input from an external device for synchronous serial
communication. Synchronous serial communication can be performed with devices having
different clock polarity and clock phase. Figure 17.1 is a block diagram of the SSU.
17.1
Features
• Choice of SSU mode and clock synchronous mode
• Choice of master mode and slave mode
• Choice of standard mode and bidirectional mode
• Synchronous serial communication with devices with different clock polarity and clock phase
• Choice of 8/16/32-bit width of transmit/receive data
• Full-duplex communication capability
The shift register is incorporated, enabling transmission and reception to be executed
simultaneously.
• Consecutive serial communication
• Choice of LSB-first or MSB-first transfer
• Choice of clock sources
φ/4, φ/8, φ/16, φ/32, φ/64, φ/128, φ/256, or an external clock
• Five interrupt sources
Transmit-end, transmit-data-register-empty, receive-data-full, overrun-error, and conflict error
• Module stop mode can be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com