công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 597 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 597 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 593Page - Renesas Technology Corp H8S/2472 Datasheet HTML 594Page - Renesas Technology Corp H8S/2472 Datasheet HTML 595Page - Renesas Technology Corp H8S/2472 Datasheet HTML 596Page - Renesas Technology Corp H8S/2472 Datasheet HTML 597Page - Renesas Technology Corp H8S/2472 Datasheet HTML 598Page - Renesas Technology Corp H8S/2472 Datasheet HTML 599Page - Renesas Technology Corp H8S/2472 Datasheet HTML 600Page - Renesas Technology Corp H8S/2472 Datasheet HTML 601Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 597 / 1250 page
background image
Section 16 Serial Pin Multiplexed Modes
Rev. 2.00 Aug. 20, 2008 Page 549 of 1198
REJ09B0403-0200
16.4.3
Serial Pin Multiplexed Mode 2
(SMR0 Register [bits SM2, SM1, SM0] = [0 1 0])
In this mode, SCIF and SCI_1 are internally connected. COM1 is not available (N/A) and
DTR/RTS/Rx of COM1 are fixed at 1. DCD, RI, DSR, DTR, CTS, RTS, RxDF, and TxDF of
SCIF are disconnected from COM1.
DCD/RI/DSR of SCIF is fixed at 1, and RxDF/TxDF of SCIF
are cross-connected to TxD1/RxD1 of SCI_1 internally.
COM2 is not available (N/A) and Rx of COM2 is fixed at 1. RxD3 and TxD3 of SCI_3 are
connected to Tx and Rx of COM3.
The value written to bit RTS1 of the SMR1 register is reflected in the
CTS input of SCIF. The
state of
RTS of SCIF is reflected in bit CTS1 of the SMR1 register.
Figure 16.3 illustrates the pin connection in serial pin multiplexed mode 2.
COM3
SCI_1
SCI_3
BMC (H8S)
DCD1
RI1
DSR1
SMR0
SCIF
1
1
1 Open
CTS1
DTR1
RTS1
CTS3
SMR1
RTS3
Figure 16.3 Serial Pin Multiplexed Mode 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com