công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 593 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 593 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 589Page - Renesas Technology Corp H8S/2472 Datasheet HTML 590Page - Renesas Technology Corp H8S/2472 Datasheet HTML 591Page - Renesas Technology Corp H8S/2472 Datasheet HTML 592Page - Renesas Technology Corp H8S/2472 Datasheet HTML 593Page - Renesas Technology Corp H8S/2472 Datasheet HTML 594Page - Renesas Technology Corp H8S/2472 Datasheet HTML 595Page - Renesas Technology Corp H8S/2472 Datasheet HTML 596Page - Renesas Technology Corp H8S/2472 Datasheet HTML 597Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 593 / 1250 page
background image
Section 16 Serial Pin Multiplexed Modes
Rev. 2.00 Aug. 20, 2008 Page 545 of 1198
REJ09B0403-0200
16.3
Register Descriptions
Two registers are provided for serial pin multiplexed modes. Serial multiplexed mode register 0
(SMR0) enables or disables the serial pin multiplexing function, selects a serial pin multiplexed
mode out of 5 modes, and provides bits for port monitoring. Serial multiplexed mode register 1
(SMR1) provides bits for port monitoring and controls outputs on the relevant port pins.
• Serial multiplexed mode register 0 (SMR0)
• Serial multiplexed mode register 1 (SMR1)
16.3.1
Serial Multiplexed Mode Register 0 (SMR0)
Bit
Bit Name
Initial
Value
R/W
Description
7
DCD1
R
Monitors the state of the
DCD line in modes 1, 3, and
4.
6
RI1
R
Monitors the state of the
RI line in modes 1, 3, and 4.
5
DSR1
R
Monitors the state of the
DSR line in modes 1, 3, and
4.
4
SME
0
R/W
Serial Pin Multiplex Enable
0: Pin multiplexing disabled
1: Pin multiplexing enabled
3
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
2
1
0
SM2
SM1
SM0
0
0
0
R/W
R/W
R/W
Serial Pin Multiplexed Mode Select
These bits select a serial pin multiplexed mode. This
selection is only enabled when SME bit is 1.
000: Serial multiplexed mode 0
001: Serial multiplexed mode 1
010: Serial multiplexed mode 2
011: Serial multiplexed mode 3
100: Serial multiplexed mode 4
101: Reserved (Do not modify)
110: Reserved (Do not modify)
111: Reserved (Do not modify)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com