công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 589 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 589 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 585Page - Renesas Technology Corp H8S/2472 Datasheet HTML 586Page - Renesas Technology Corp H8S/2472 Datasheet HTML 587Page - Renesas Technology Corp H8S/2472 Datasheet HTML 588Page - Renesas Technology Corp H8S/2472 Datasheet HTML 589Page - Renesas Technology Corp H8S/2472 Datasheet HTML 590Page - Renesas Technology Corp H8S/2472 Datasheet HTML 591Page - Renesas Technology Corp H8S/2472 Datasheet HTML 592Page - Renesas Technology Corp H8S/2472 Datasheet HTML 593Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 589 / 1250 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Aug. 20, 2008 Page 541 of 1198
REJ09B0403-0200
15.5
Interrupt Sources
Table 15.8 lists the interrupt sources. A common interrupt vector is assigned to each interrupt
source.
When the LPC uses the SCIF, the LPC does not request any interrupts to be sent to the H8S CPU.
The SERIRQ signal of the LPC interface transmits an interrupt request to the host.
Table 15.8
Interrupt Sources
Interrupt Name
Interrupt Source
Priority
Receive line status
Overrun error, parity error, framing error, break interrupt
Receive data ready
Acceptance of receive data, FIFO trigger level
Character timeout
(when FIFO is enabled)
No data is input to or output from the receive FIFO for the 4-
character time period while one or more characters remain in
the receive FIFO.
FTHR empty
FTHR empty
Modem status
CTS, DSR, RI, DCD
High
Low
Table 15.9 shows the interrupt source, vector address, and interrupt priority.
Table 15.9
Interrupt Source, Vector Address, and Interrupt Priority
Interrupt
Origin of Interrupt Source
Interrupt Name
Vector
Number
Vector
Address
ICR
SCIF
SCIF (SCIF interrupt)
82
H'000148
ICRC7
15.6
Usage Note
15.6.1
Power-Down Mode When LCLK is Selected for SCLK
To switch to software standby mode when LCLK divided by 18 has been selected for SCLK, use
the shutdown function of the LPC interface to stop LCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com