công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 587 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 587 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 583Page - Renesas Technology Corp H8S/2472 Datasheet HTML 584Page - Renesas Technology Corp H8S/2472 Datasheet HTML 585Page - Renesas Technology Corp H8S/2472 Datasheet HTML 586Page - Renesas Technology Corp H8S/2472 Datasheet HTML 587Page - Renesas Technology Corp H8S/2472 Datasheet HTML 588Page - Renesas Technology Corp H8S/2472 Datasheet HTML 589Page - Renesas Technology Corp H8S/2472 Datasheet HTML 590Page - Renesas Technology Corp H8S/2472 Datasheet HTML 591Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 587 / 1250 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Aug. 20, 2008 Page 539 of 1198
REJ09B0403-0200
15.4.5
Data Transmission/Reception Through the LPC Interface
As shown in table 15.2, setting the SCIFE bit in HICR5 to 1 allows registers (except SCIFCR) to
be accessed from the LPC interface. The initial setting of SCIFCR by the CPU and setting of the
SCIFE bit in HICR5 to 1 enable the flow settings for initialization and data transmission/reception
shown in figures 15.3 to 15.5 to be made from the LPC interface. Table 15.6 shows the
correspondence between LPC interface I/O address and access to the SCIF registers. For details of
the LPC interface settings, see section 19, LPC interface (LPC).
Table 15.6
Correspondence Between LPC Interface I/O Address and the SCIF Registers
LPC Interface I/O Address
Bits 15 to 3
Bit 2
Bit 1
Bit 0
R/W
Condition
SCIF
Register
R
FLCR[7] = 0
FRBR
W
FLCR[7] = 0
FTHR
SCIFADR (bits 15 to 3)
0
0
0
R/W
FLCR[7] = 1
FDLL
R/W
FLCR[7] = 0
FIER
SCIFADR (bits 15 to 3)
0
0
1
R/W
FLCR[7] = 1
FDLH
R
FIIR
SCIFADR (bits 15 to 3)
0
1
0
W
FFCR
SCIFADR (bits 15 to 3)
0
1
1
R/W
FLCR
SCIFADR (bits 15 to 3)
1
0
0
R/W
FMCR
SCIFADR (bits 15 to 3)
1
0
1
R
FLSR
SCIFADR (bits 15 to 3)
1
1
0
R
FMSR
SCIFADR (bits 15 to 3)
1
1
1
R/W
FSCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com