công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 591 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 591 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 587Page - Renesas Technology Corp H8S/2472 Datasheet HTML 588Page - Renesas Technology Corp H8S/2472 Datasheet HTML 589Page - Renesas Technology Corp H8S/2472 Datasheet HTML 590Page - Renesas Technology Corp H8S/2472 Datasheet HTML 591Page - Renesas Technology Corp H8S/2472 Datasheet HTML 592Page - Renesas Technology Corp H8S/2472 Datasheet HTML 593Page - Renesas Technology Corp H8S/2472 Datasheet HTML 594Page - Renesas Technology Corp H8S/2472 Datasheet HTML 595Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 591 / 1250 page
background image
Section 16 Serial Pin Multiplexed Modes
Rev. 2.00 Aug. 20, 2008 Page 543 of 1198
REJ09B0403-0200
Section 16 Serial Pin Multiplexed Modes
Three serial communication I/F modules (SCIF, SCI_1 and SCI_3) can be configured for five
types of COM port assignments and internal connections (serial pin multiplexed modes) in this
LSI. Two registers are provided for controlling the serial pin multiplexed modes: serial
multiplexed mode register 0 (SMR0) and serial multiplexed mode register 1 (SMR1).
16.1
Features
Internal connection of serial modules to COM ports can be configured to make a software bridge
for IPMI applications.
• Five serial pin multiplexed modes
 Mode 0: Each COM port is used for its respective serial communication module: COM1
for SCIF, COM2 for SCI_1 and COM3 for SCI_3 (default mode)
 Mode 1: COM1 snoop mode with use of SCI_1 and internal registers
 Mode 2: SCIF-and-SCI_1 bridge mode in which internal registers provide software flow
control.
 Mode 3: COM port switched mode in which COM1 is connected to SCI_1 and COM2 is
connected to SCIF. Internal registers provide flow control for SCI_1.
 Mode 4: SCIF-and-SCI_3 bridge mode providing the same functionality as mode 3.
Please refer to section 13, Serial Communication Interface (SCI) for details on SCI_1 and SCI_3,
and section 15, Serial Communication Interface with FIFO (SCIF), for details on SCIF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com