công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 598 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 598 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 594Page - Renesas Technology Corp H8S/2472 Datasheet HTML 595Page - Renesas Technology Corp H8S/2472 Datasheet HTML 596Page - Renesas Technology Corp H8S/2472 Datasheet HTML 597Page - Renesas Technology Corp H8S/2472 Datasheet HTML 598Page - Renesas Technology Corp H8S/2472 Datasheet HTML 599Page - Renesas Technology Corp H8S/2472 Datasheet HTML 600Page - Renesas Technology Corp H8S/2472 Datasheet HTML 601Page - Renesas Technology Corp H8S/2472 Datasheet HTML 602Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 598 / 1250 page
background image
Section 16 Multiplex Mode
Rev. 2.00 Aug. 20, 2008 Page 550 of 1198
REJ09B0403-0200
16.4.4
Serial Pin Multiplexed Mode 3
(SMR0 Register [bits SM2, SM1, SM0] = [0 1 1])
This mode enables the use of COM2 by SCIF and COM1 by SCI_1. Since SCI_1 doesn't use any
hardware pins for flow control, emulation is possible using the internal registers.
Tx/Rx of COM1 are connected to RxD1/TxD1 of SCI_1, and other COM1 port signals are
controlled or monitored through bits in the internal registers. RxDF/TxDF of SCIF are connected
to Tx/Rx of COM2 and other SCIF signals are not used.
DCD/RI/DSR/CTS of SCIF are fixed at 1.
RxD3 and TxD3 of SCI_3 are connected to Tx and Rx of COM3.
The states of
DCD/RI/DSR of COM1 are reflected in bits DCD1/RI1/DSR1 of the SMR0 register,
and
CTS of COM1 is reflected in bit CTS1 of the SMR1 register.
The values written to bits DTR1/RTS1 of the SMR1 register are output to
DTR/RTS of COM1.
Figure 16.4 illustrates the pin connection in serial pin multiplexed mode 3.
COM2
COM3
SCI_1
SCI_3
BMC (H8S)
COM1
DCD1
RI1
DSR1
SMR0
SCIF
CTS1
DTR1
RTS1
CTS3
SMR1
RTS3
1
1
1 Open 1 Open
Figure 16.4 Serial Pin Multiplexed Mode 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com