công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 599 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 599 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 595Page - Renesas Technology Corp H8S/2472 Datasheet HTML 596Page - Renesas Technology Corp H8S/2472 Datasheet HTML 597Page - Renesas Technology Corp H8S/2472 Datasheet HTML 598Page - Renesas Technology Corp H8S/2472 Datasheet HTML 599Page - Renesas Technology Corp H8S/2472 Datasheet HTML 600Page - Renesas Technology Corp H8S/2472 Datasheet HTML 601Page - Renesas Technology Corp H8S/2472 Datasheet HTML 602Page - Renesas Technology Corp H8S/2472 Datasheet HTML 603Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 599 / 1250 page
background image
Section 16 Serial Pin Multiplexed Modes
Rev. 2.00 Aug. 20, 2008 Page 551 of 1198
REJ09B0403-0200
16.4.5
Serial Pin Multiplexed Mode 4
(SMR0 Register [bits SM2, SM1, SM0] = [1 0 0])
Mode 4 provides the same function as mode 3, but the data lines of SCI_3 and SCIF are cross-
connected.
RxD1/TxD1 of SCI_1 are connected to Tx/Rx of COM1, and internal register bits emulate other
signals of COM1.
DCD/RI/DSR/CTS of SCIF are fixed at 1. COM2 is not available (N/A) and Rx
for COM2 is fixed at 1. COM3 is not available (N/A) and Rx for COM3 is fixed at 1. RxD3/TxD3
of SCI_3 are cross-connected to TxDF/RxDF of SCIF internally.
The states of
DCD/RI/DSR of COM1 are reflected in bits DCD1/RI1/DSR1 of the SMR0 register,
and CTS of COM1 is reflected to CTS1 bit of SMR1 register.
The values written to bits DTR1/RTS1 of the SMR1 register are output to
DTR/RTS of COM1.
The value written to bit RTS3 of SMR1 is reflected in
CTS of SCIF, and the state of RTS of SCIF
is reflected in bit CTS3 of SMR1, allowing SCI_3 and SCIF to communicate each other with
virtual flow control.
Figure 16.5 illustrates the pin connection in serial pin multiplexed mode 4.
COM2
COM3
SCI_1
SCI_3
BMC (H8S)
COM1
DCD1
RI1
DSR1
SMR0
SCIF
CTS1
DTR1
RTS1
CTS3
SMR1
RTS3
1
1
1 Open
Figure 16.5 Serial Pin Multiplexed Mode 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com