công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 612 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 612 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 608Page - Renesas Technology Corp H8S/2472 Datasheet HTML 609Page - Renesas Technology Corp H8S/2472 Datasheet HTML 610Page - Renesas Technology Corp H8S/2472 Datasheet HTML 611Page - Renesas Technology Corp H8S/2472 Datasheet HTML 612Page - Renesas Technology Corp H8S/2472 Datasheet HTML 613Page - Renesas Technology Corp H8S/2472 Datasheet HTML 614Page - Renesas Technology Corp H8S/2472 Datasheet HTML 615Page - Renesas Technology Corp H8S/2472 Datasheet HTML 616Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 612 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 564 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
3
SCSATS
0
R/W
Selects the assertion timing of the
SCS pin (valid in
SSU and master mode).
0: Min. values of t
LEAD and tLAG are 1/2 × tSUcyc
1: Min. values of t
LEAD and tLAG are 3/2 × tSUcyc
2
SSODTS
0
R/W
Selects the data output timing of the SSO pin (valid in
SSU and master mode)
0: While BIDE = 0, MSS = 1, and TE = 1 or while BIDE
= 1, TE = 1, and RE = 0, the SSO pin outputs data
1: While BIDE = 0, MSS = 1, and TE = 1 or while BIDE
= 1, TE = 1, and RE = 0, the SSO pin outputs data
while the SCS pin is driven low
1, 0
All 0
R/W
Reserved
These bits are always read as 0. The initial value
should not be changed.
17.3.7
SS Transmit Data Registers 0 to 3 (SSTDR0 to SSTDR3)
SSTDR is an 8-bit register that stores transmit data. When 8-bit data length is selected by bits
DATS1 and DATS0 in SSCRL, SSTDR0 is valid. When 16-bit data length is selected, SSTDR0
and SSTDR1 are valid. When 32-bit data length is selected, SSTDR0 to SSTDR3 are valid.
When the SSU detects that SSTRSR is empty, it transfers the transmit data written in SSTDR to
SSTRSR and starts serial transmission. If the next transmit data has already been written to
SSTDR during serial transmission, the SSU performs consecutive serial transmission.
Although SSTDR can always be read from or written to by the CPU and DMAC, to achieve
reliable serial transmission, write transmit data to SSTDR after confirming that the TDRE bit in
SSSR is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com