công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 614 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 614 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 610Page - Renesas Technology Corp H8S/2472 Datasheet HTML 611Page - Renesas Technology Corp H8S/2472 Datasheet HTML 612Page - Renesas Technology Corp H8S/2472 Datasheet HTML 613Page - Renesas Technology Corp H8S/2472 Datasheet HTML 614Page - Renesas Technology Corp H8S/2472 Datasheet HTML 615Page - Renesas Technology Corp H8S/2472 Datasheet HTML 616Page - Renesas Technology Corp H8S/2472 Datasheet HTML 617Page - Renesas Technology Corp H8S/2472 Datasheet HTML 618Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 614 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 566 of 1198
REJ09B0403-0200
17.4
Operation
17.4.1
Transfer Clock
A transfer clock can be selected from eight internal clocks and an external clock. When using this
module, set the SCKS bit in SSCRH to 1 to select the SSCK pin as a serial clock. When the MSS
bit in SSCRH is 1, an internal clock is selected and the SSCK pin is used as an output pin. When
transfer is started, the clock with the transfer rate set by bits CKS2 to CKS0 in SSMR is output
from the SSCK pin. When MSS = 0, an external clock is selected and the SSCK pin is used as an
input pin.
17.4.2
Relationship of Clock Phase, Polarity, and Data
The relationship of clock phase, polarity, and transfer data depends on the combination of the
CPOS and CPHS bits in SSMR. Figure 17.2 shows the relationship. When SSUMS = 1, the CPHS
setting is invalid although the CPOS setting is valid.
Setting the MLS bit in SSMR selects that MSB or LSB first communication. When MLS = 0, data
is transferred from the LSB to the MSB. When MLS = 1, data is transferred from the MSB to the
LSB.
SSCK
(CPOS = 0)
(1) When CPHS = 0
(2) When CPHS = 1
SSCK
(CPOS = 1)
SSI, SSO
SCS
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
SSCK
(CPOS = 0)
SSCK
(CPOS = 1)
SSI, SSO
SCS
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Figure 17.2 Relationship of Clock Phase, Polarity, and Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com