công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 619 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 619 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 615Page - Renesas Technology Corp H8S/2472 Datasheet HTML 616Page - Renesas Technology Corp H8S/2472 Datasheet HTML 617Page - Renesas Technology Corp H8S/2472 Datasheet HTML 618Page - Renesas Technology Corp H8S/2472 Datasheet HTML 619Page - Renesas Technology Corp H8S/2472 Datasheet HTML 620Page - Renesas Technology Corp H8S/2472 Datasheet HTML 621Page - Renesas Technology Corp H8S/2472 Datasheet HTML 622Page - Renesas Technology Corp H8S/2472 Datasheet HTML 623Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 619 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 571 of 1198
REJ09B0403-0200
(2)
Data Transmission
Figure 17.5 shows an example of transmission operation, and figure 17.6 shows a flowchart
example of data transmission.
When transmitting data, the SSU operates as shown below.
In master mode, the SSU outputs a transfer clock and data. In slave mode, when a low level signal
is input to the
SCS pin and a transfer clock is input to the SSCK pin, the SSU outputs data in
synchronization with the transfer clock.
Writing transmit data to SSTDR after the TE bit is set to 1 clears the TDRE bit in SSSR to 0, and
the SSTDR contents are transferred to SSTRSR. After that, the SSU sets the TDRE bit to 1 and
starts transmission. At this time, if the TIE bit in SSER is set to 1, a TXI interrupt is generated.
When 1-frame data has been transferred with TDRE = 0, the SSTDR contents are transferred to
SSTRSR to start the next frame transmission. When the 8th bit of transmit data has been
transferred with TDRE = 1, the TEND bit in SSSR is set to 1 and the state is retained. At this time,
if the TEIE bit is set to 1, a TEI interrupt is generated. After transmission, the output level of the
SSCK pin is fixed high when CPOS = 0 and low when CPOS = 1.
While the ORER bit in SSSR is set to 1, transmission is not performed. Check that the ORER bit
is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com