công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 623 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 623 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 619Page - Renesas Technology Corp H8S/2472 Datasheet HTML 620Page - Renesas Technology Corp H8S/2472 Datasheet HTML 621Page - Renesas Technology Corp H8S/2472 Datasheet HTML 622Page - Renesas Technology Corp H8S/2472 Datasheet HTML 623Page - Renesas Technology Corp H8S/2472 Datasheet HTML 624Page - Renesas Technology Corp H8S/2472 Datasheet HTML 625Page - Renesas Technology Corp H8S/2472 Datasheet HTML 626Page - Renesas Technology Corp H8S/2472 Datasheet HTML 627Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 623 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 575 of 1198
REJ09B0403-0200
SCS
SSCK
(1) When 8-bit data length is selected (SSRDR0 is valid) with CPOS = 0 and CPHS = 0
(2) When 16-bit data length is selected (SSRDR0 and SSRDR1 are valid) with CPOS = 0 and CPHS = 0
(3) When 32-bit data length is selected (SSRDR0, SSRDR1, SSRDR2, and SSRDR3 are valid)
with CPOS = 0 and CPHS = 0
SSI
RDRF
SSRDR1
SCS
SSCK
RDRF
SSRDR0
SSRDR0
SSRDR1
SCS
SSCK
RDRF
SSRDR0
SSRDR3
SSRDR1
SSRDR2
SSRDR2
SSRDR1
SSRDR3
SSRDR0
1 frame
1 frame
1 frame
Bit
0
Bit
0
Bit
1
Bit
1
Bit
2
Bit
2
Bit
3
Bit
3
Bit
4
Bit
4
Bit
5
Bit
5
Bit
6
Bit
6
Bit
7
Bit
7
LSI operation
Dummy-read SSRDR0
Dummy-read SSRDR0 and SSRDR1
Read SSRDR0
User operation
LSI operation
User operation
LSI operation
User operation
SSTDR0 (LSB first transmission)
SSTDR0 (MSB first transmission)
RXI interrupt
generated
RXI interrupt generated
RXI interrupt
generated
Bit
0
Bit
1
Bit
2
Bit
3
Bit
4
Bit
5
Bit
6
Bit
7
Bit
0
Bit
1
Bit
2
Bit
3
Bit
4
Bit
5
Bit
6
Bit
7
Bit
0
Bit
1
Bit
2
Bit
3
Bit
4
Bit
5
Bit
6
Bit
7
Bit
0
Bit
1
Bit
2
Bit
3
Bit
4
Bit
5
Bit
6
Bit
7
SSI
(LSB first)
SSI
(MSB first)
Bit
0
to
to
to
to
to
to
to
to
Bit
0
Bit
7
Bit
7
Bit
0
Bit
7
Bit
0
Bit
7
Bit
0
Bit
7
Bit
0
Bit
7
Bit
0
Bit
7
Bit
0
Bit
7
SSI
(LSB first)
SSI
(MSB first)
Dummy-read SSRDR0
RXI interrupt generated
Figure 17.7 Example of Reception Operation (SSU Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com