công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 627 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 627 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 623Page - Renesas Technology Corp H8S/2472 Datasheet HTML 624Page - Renesas Technology Corp H8S/2472 Datasheet HTML 625Page - Renesas Technology Corp H8S/2472 Datasheet HTML 626Page - Renesas Technology Corp H8S/2472 Datasheet HTML 627Page - Renesas Technology Corp H8S/2472 Datasheet HTML 628Page - Renesas Technology Corp H8S/2472 Datasheet HTML 629Page - Renesas Technology Corp H8S/2472 Datasheet HTML 630Page - Renesas Technology Corp H8S/2472 Datasheet HTML 631Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 627 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 579 of 1198
REJ09B0403-0200
17.4.7
Clock Synchronous Communication Mode
In clock synchronous communication mode, data communications are performed via three lines:
clock line (SSCK), data input line (SSI), and data output line (SSO).
(1)
Initial Settings in Clock Synchronous Communication Mode
Figure 17.12 shows an example of the initial settings in clock synchronous communication mode.
Before data transfer, clear both the TE and RE bits in SSER to 0 to set the initial values.
Note:
Before changing operating modes and communications formats, clear both the TE and RE
bits to 0. Although clearing the TE bit to 0 sets the TDRE bit to 1, clearing the RE bit to 0
does not change the values of the RDRF and ORER bits and SSRDR. Those bits retain the
previous values.
Start setting initial values
[1]
[2]
[3]
[4]
End
Set a bit in ICR to 1
Set SSUMS in SSCRL to 1 and
specify bits DATS1 and DATS0
Specify MSS and SCKS in SSCRH
Specify CPOS, CKS2, CKS1, and
CKS0 bits in SSMR
Specify TEIE, TIE, RIE,
and CEIE bits in SSER
Clear TE and RE bits in SSER to 0
[1] When the pin is used as an input.
[2] Specify master/slave mode selection and SSCK pin
selection.
[3] Selects clock synchronous communication mode and
specify transmit/receive data length.
[4] Specify clock polarity selection and transfer clock rate
selection.
[5] Enables/disables interrupt request to the CPU.
[5]
Figure 17.12 Example of Initial Settings in Clock Synchronous Communication Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com