công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 624 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 624 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 620Page - Renesas Technology Corp H8S/2472 Datasheet HTML 621Page - Renesas Technology Corp H8S/2472 Datasheet HTML 622Page - Renesas Technology Corp H8S/2472 Datasheet HTML 623Page - Renesas Technology Corp H8S/2472 Datasheet HTML 624Page - Renesas Technology Corp H8S/2472 Datasheet HTML 625Page - Renesas Technology Corp H8S/2472 Datasheet HTML 626Page - Renesas Technology Corp H8S/2472 Datasheet HTML 627Page - Renesas Technology Corp H8S/2472 Datasheet HTML 628Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 624 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 576 of 1198
REJ09B0403-0200
Yes
[1]
[2]
[3]
[4]
[5]
[6]
[1]
Initial setting:
Specify the receive data format.
[2]
Start reception:
When SSRDR is dummy-read with RE = 1, reception is
started.
[3], [6] Receive error processing:
When a receive error occurs, execute the designated error
processing after reading the ORER bit in SSSR. After that,
clear the ORER bit to 0. While the ORER bit is set to 1,
transmission or reception is not resumed.
[4]
To continue single reception:
When continuing single reception, wait for time of t
SUcyc
while the RDRF flag is set to 1 and then read receive data
in SSRDR.
The next single reception starts after reading receive data
in SSRDR.
[5]
To complete reception:
To complete reception, read receive data after clearing the
RE bit to 0. When reading SSRDR without clearing the RE
bit, reception is resumed.
No
Yes
Yes
No
Start
Initial setting
RE = 1 (reception started)
Dummy-read SSRDR
Read SSSR
RDRF = 1?
ORER = 1?
Consecutive data
reception?
Read received data in SSRDR
RDRF automatically cleared
RE = 0
Read receive data in SSRDR
End reception
Overrun error processing
Clear ORER in SSSR
End reception
Note: Hatching boxes represent SSU internal operations.
No
Figure 17.8 Flowchart Example of Data Reception (SSU Mode)
(4)
Data Transmission/Reception
Figure 17.9 shows a flowchart example of simultaneous transmission/reception. The data
transmission/reception is performed combining the data transmission and data reception as
mentioned above. The data transmission/reception is started by writing transmit data to SSTDR
with TE = RE = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com