công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 622 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 622 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 618Page - Renesas Technology Corp H8S/2472 Datasheet HTML 619Page - Renesas Technology Corp H8S/2472 Datasheet HTML 620Page - Renesas Technology Corp H8S/2472 Datasheet HTML 621Page - Renesas Technology Corp H8S/2472 Datasheet HTML 622Page - Renesas Technology Corp H8S/2472 Datasheet HTML 623Page - Renesas Technology Corp H8S/2472 Datasheet HTML 624Page - Renesas Technology Corp H8S/2472 Datasheet HTML 625Page - Renesas Technology Corp H8S/2472 Datasheet HTML 626Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 622 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 574 of 1198
REJ09B0403-0200
(3)
Data Reception
Figure 17.7 shows an example of reception operation, and figure 17.8 shows a flowchart example
of data reception. When receiving data, the SSU operates as shown below.
After setting the RE bit to 1 and dummy-reading SSRDR, the SSU starts data reception.
In master mode, the SSU outputs a transfer clock and receives data. In slave mode, when a low
level signal is input to the
SCS pin and a transfer clock is input to the SSCK pin, the SSU receives
data in synchronization with the transfer clock.
When 1-frame data has been received, the RDRF bit in SSSR is set to 1 and the receive data is
stored in SSRDR. At this time, if the RIE bit in SSER is set to 1, an RXI interrupt is generated.
The RDRF bit is automatically cleared to 0 by reading SSRDR.
When the RDRF bit has been set to 1 at the 8th rising edge of the transfer clock, the ORER bit in
SSSR is set to 1. This indicates that an overrun error (OEI) has occurred. At this time, data
reception is stopped. While the ORER bit in SSSR is set to 1, reception is not performed. To
resume the reception, clear the ORER bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com