công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 620 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 620 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 616Page - Renesas Technology Corp H8S/2472 Datasheet HTML 617Page - Renesas Technology Corp H8S/2472 Datasheet HTML 618Page - Renesas Technology Corp H8S/2472 Datasheet HTML 619Page - Renesas Technology Corp H8S/2472 Datasheet HTML 620Page - Renesas Technology Corp H8S/2472 Datasheet HTML 621Page - Renesas Technology Corp H8S/2472 Datasheet HTML 622Page - Renesas Technology Corp H8S/2472 Datasheet HTML 623Page - Renesas Technology Corp H8S/2472 Datasheet HTML 624Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 620 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 572 of 1198
REJ09B0403-0200
SCS
SSCK
(1) When 8-bit data length is selected (SSTDR0 is valid) with CPOS = 0 and CPHS = 0
(2) When 16-bit data length is selected (SSTDR0 and SSTDR1 are valid) with CPOS = 0 and CPHS = 0
(3) When 32-bit data length is selected (SSTDR0, SSTDR1, SSTDR2, and SSTDR3 are valid)
with CPOS = 0 and CPHS = 0
Bit
0
Bit
0
Bit
1
Bit
1
Bit
2
Bit
2
Bit
3
Bit
3
Bit
4
Bit
4
Bit
5
Bit
5
Bit
6
Bit
6
Bit
7
Bit
0
Bit
1
Bit
2
Bit
3
Bit
4
Bit
5
Bit
6
Bit
7
Bit
7
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
Bit
0
to
to
to
to
to
to
to
to
Bit
0
Bit
7
Bit
7
Bit
0
Bit
7
Bit
0
Bit
7
Bit
0
Bit
7
Bit
0
Bit
7
Bit
0
Bit
7
Bit
0
Bit
7
Bit
0
Bit
1
Bit
2
Bit
3
Bit
4
Bit
5
Bit
6
Bit
7
SSO
TDRE
TEND
LSI operation
User operation
LSI operation
User operation
LSI operation
User operation
TXI interrupt
generated
TEI interrupt
generated
TEI interrupt
generated
TXI interrupt
generated
Data written to SSTDR0
Data written to SSTDR0 and SSTDR1
Data written to SSTDR0
SSTDR1
SCS
SSCK
TDRE
TEND
SSO
(LSB first)
SSO
(MSB first)
SSO
(LSB first)
SSO
(MSB first)
SSTDR0
SSTDR0
SSTDR1
SCS
SSCK
TDRE
TEND
SSTDR0
SSTDR3
SSTDR1
SSTDR2
SSTDR2
SSTDR1
SSTDR3
SSTDR0
1 frame
1 frame
1 frame
SSTDR0
(LSB first transmission)
SSTDR0
(MSB first transmission)
1 frame
TXI interrupt generated
TEI interrupt generated
Data written to SSTDR0, SSTDR1, SSTDR2, and SSTDR3
TXI interrupt generated TEI interrupt generated
Figure 17.5 Example of Transmission Operation (SSU Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com