công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 626 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 626 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 622Page - Renesas Technology Corp H8S/2472 Datasheet HTML 623Page - Renesas Technology Corp H8S/2472 Datasheet HTML 624Page - Renesas Technology Corp H8S/2472 Datasheet HTML 625Page - Renesas Technology Corp H8S/2472 Datasheet HTML 626Page - Renesas Technology Corp H8S/2472 Datasheet HTML 627Page - Renesas Technology Corp H8S/2472 Datasheet HTML 628Page - Renesas Technology Corp H8S/2472 Datasheet HTML 629Page - Renesas Technology Corp H8S/2472 Datasheet HTML 630Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 626 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 578 of 1198
REJ09B0403-0200
17.4.6
SCS Pin Control and Conflict Error
When bits CSS1 and CSS0 in SSCRH are specified to B'10 and the SSUMS bit in SSCRL is
cleared to 0, the
SCS pin functions as an input (Hi-Z) to detect a conflict error. The arbitration
detection period is from setting the MSS bit in SSCRH to 1 to starting serial transfer and after
transfer ends. When a low level signal is input to the
SCS pin within the period, a conflict error
occurs. At this time, the CE bit in SSSR is set to 1 and the MSS bit is cleared to 0.
Note:
While the CE bit is set to 1, transmission or reception is not resumed. Clear the CE bit to 0
before resuming the transmission or reception.
CE
Data written
to SSTDR
Conflict error
detection period
Worst time for
internally clocking
SCS
MSS
Internal signal for
transfer enable
SCS output
External input to
SCS
Internal-clocked
SCS
(Hi-Z)
Figure 17.10 Conflict Error Detection Timing (Before Transfer)
φ
SCS
MSS
CE
(Hi-Z)
Transfer
end
Conflict error detection period
Internal signal for
transfer enable
Figure 17.11 Conflict Error Detection Timing (After Transfer End)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com