công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 630 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 630 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 626Page - Renesas Technology Corp H8S/2472 Datasheet HTML 627Page - Renesas Technology Corp H8S/2472 Datasheet HTML 628Page - Renesas Technology Corp H8S/2472 Datasheet HTML 629Page - Renesas Technology Corp H8S/2472 Datasheet HTML 630Page - Renesas Technology Corp H8S/2472 Datasheet HTML 631Page - Renesas Technology Corp H8S/2472 Datasheet HTML 632Page - Renesas Technology Corp H8S/2472 Datasheet HTML 633Page - Renesas Technology Corp H8S/2472 Datasheet HTML 634Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 630 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 582 of 1198
REJ09B0403-0200
(3)
Data Reception
Figure 17.15 shows an example of reception operation, and figure 17.16 shows a flowchart
example of data reception. When receiving data, the SSU operates as shown below.
After setting the RE bit in SSER to 1, the SSU starts data reception.
In master mode, the SSU outputs a transfer clock and receives data. In slave mode, when a transfer
clock is input to the SSCK pin, the SSU receives data in synchronization with the transfer clock.
When 1-frame data has been received, the RDRF bit in SSSR is set to 1 and the receive data is
stored in SSRDR. At this time, if the RIE bit is set to 1, an RXI interrupt is generated. The RDRF
bit is automatically cleared to 0 by reading SSRDR.
When the RDRF bit has been set to 1 at the 8th rising edge of the transfer clock, the ORER bit in
SSSR is set to 1. This indicates that an overrun error (OEI) has occurred. At this time, data
reception is stopped. While the ORER bit in SSSR is set to 1, reception is not performed. To
resume the reception, clear the ORER bit to 0.
LSI operation
User operation
SSO
SSCK
RDRF
Dummy-read SSRDR
RXI interrupt
generated
RXI interrupt
generated
RXI interrupt
generated
Read data from SSRDR
Read data from SSRDR
Bit 0
Bit 7
Bit 0
Bit 0
Bit 7
Bit 7
1 frame
1 frame
Figure 17.15 Example of Reception Operation
(Clock Synchronous Communication Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com