công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 631 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 631 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 627Page - Renesas Technology Corp H8S/2472 Datasheet HTML 628Page - Renesas Technology Corp H8S/2472 Datasheet HTML 629Page - Renesas Technology Corp H8S/2472 Datasheet HTML 630Page - Renesas Technology Corp H8S/2472 Datasheet HTML 631Page - Renesas Technology Corp H8S/2472 Datasheet HTML 632Page - Renesas Technology Corp H8S/2472 Datasheet HTML 633Page - Renesas Technology Corp H8S/2472 Datasheet HTML 634Page - Renesas Technology Corp H8S/2472 Datasheet HTML 635Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 631 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 583 of 1198
REJ09B0403-0200
Yes
[1]
[2]
[3]
[4]
[5]
[1]
Initial setting:
Specify the receive data format.
[2]
Start reception:
When setting the RE bit to 1, reception is started.
[3], [5] Receive error processing:
When a receive error occurs, execute the designated error
processing after reading the ORER bit in SSSR. After that,
clear the ORER bit to 0. While the ORER bit is set to 1,
transmission or reception is not resumed.
[4]
To complete reception:
To complete reception, read receive data after clearing the
RE bit to 0. When reading SSRDR without clearing the RE
bit, reception is resumed.
No
Yes
Yes
No
Start
Initial setting
RE = 1 (reception started)
Read SSSR
RDRF = 1?
ORER = 1?
Consecutive data reception?
Read received data in SSRDR
RDRF automatically cleared
RE = 0
Read receive data in SSRDR
End reception
Overrun error processing
Clear ORER in SSSR
End reception
Note: Hatching boxes represent SSU internal operations.
No
Figure 17.16 Flowchart Example of Data Reception
(Clock Synchronous Communication Mode)
(4)
Data Transmission/Reception
Figure 17.17 shows a flowchart example of simultaneous transmission/reception. The data
transmission/reception is performed combining the data transmission and data reception as
mentioned above. The data transmission/reception is started by writing transmit data to SSTDR
with TE = RE = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com