| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2472 bảng dữ liệu(PDF) 635 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 bảng dữ liệu(HTML) 635 Page - Renesas Technology Corp |
|
635 / 1250 page ![]() Section 18 I 2C Bus Interface (IIC) Rev. 2.00 Aug. 20, 2008 Page 587 of 1198 REJ09B0403-0200 Section 18 I 2C Bus Interface (IIC) This LSI has six-channels of I 2C bus interface (IIC). The I2C bus interface conforms to and provides a subset of the Philips I 2C bus (inter-IC bus) interface functions. However, the register configuration that controls the I 2C bus differs partly from the Philips configuration. 18.1 Features • Selection of addressing format or non-addressing format I2C bus format: addressing format with acknowledge bit, for master/slave operation Clocked synchronous serial format: non-addressing format without acknowledge bit, for master operation only • Conforms to Philips I2C bus interface (I2C bus format) • Two ways of setting slave address (I2C bus format) • Start and stop conditions generated automatically in master mode (I2C bus format) • Selection of acknowledge output levels when receiving (I2C bus format) • Automatic loading of acknowledge bit when transmitting (I2C bus format) • Wait function in master mode (I2C bus format) A wait can be inserted by driving the SCL pin low after data transfer, excluding acknowledgement. The wait can be cleared by clearing the interrupt flag. • Wait function (I2C bus format) A wait request can be generated by driving the SCL pin low after data transfer. The wait request is cleared when the next transfer becomes possible. • Interrupt sources Data transfer end (including when a transition to transmit mode with I2C bus format occurs, when ICDR data is transferred, or during a wait state) Address match: when any slave address matches or the general call address is received in slave receive mode with I 2C bus format (including address reception after loss of master arbitration) Arbitration loss Start condition detection (in master mode) Stop condition detection (in slave mode) • Selection of 32 internal clocks (in master mode) • Direct bus drive |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |