công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 636 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 636 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 632Page - Renesas Technology Corp H8S/2472 Datasheet HTML 633Page - Renesas Technology Corp H8S/2472 Datasheet HTML 634Page - Renesas Technology Corp H8S/2472 Datasheet HTML 635Page - Renesas Technology Corp H8S/2472 Datasheet HTML 636Page - Renesas Technology Corp H8S/2472 Datasheet HTML 637Page - Renesas Technology Corp H8S/2472 Datasheet HTML 638Page - Renesas Technology Corp H8S/2472 Datasheet HTML 639Page - Renesas Technology Corp H8S/2472 Datasheet HTML 640Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 636 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 588 of 1198
REJ09B0403-0200
 Pins SCL0 to SCL5 and SDA0 to SDA5 (normally NMOS push-pull outputs) function as
NMOS open-drain outputs when the bus drive function is selected.
Figure 18.1 shows a block diagram of the I
2C bus interface. Figure 18.2 shows an example of I/O
pin connections to external circuits. Since I
2C bus interface I/O pins are different in structure from
normal port pins, they have different specifications for permissible applied voltages. For details,
see section 31, Electrical Characteristics.
SCL
PS
ICCR
ICXR
ICMR
ICSR
ICDRS
SAR, SARX
SDA
ICCR:
ICMR:
ICSR:
ICDR:
ICXR:
SAR:
SARX:
PS:
ICDRR
ICDRT
Noise
canceler
Bus state
decision
circuit
Arbitration
decision
circuit
Clock
control
Address comparator
Interrupt
generator
Output data
control
circuit
Noise
canceler
Interrupt
generator
[Legend]
I2C bus control register
I2C bus mode register
I2C bus status register
I2C bus data register
I2C bus extended control register
Slave address register
Slave address register X
Prescaler
φ
Figure 18.1 Block Diagram of I
2C Bus Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com