công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 640 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 640 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 636Page - Renesas Technology Corp H8S/2472 Datasheet HTML 637Page - Renesas Technology Corp H8S/2472 Datasheet HTML 638Page - Renesas Technology Corp H8S/2472 Datasheet HTML 639Page - Renesas Technology Corp H8S/2472 Datasheet HTML 640Page - Renesas Technology Corp H8S/2472 Datasheet HTML 641Page - Renesas Technology Corp H8S/2472 Datasheet HTML 642Page - Renesas Technology Corp H8S/2472 Datasheet HTML 643Page - Renesas Technology Corp H8S/2472 Datasheet HTML 644Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 640 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 592 of 1198
REJ09B0403-0200
If IIC is in receive mode and no previous data remains in ICDRR (the ICDRF flag is 0), data is
transferred automatically from ICDRS to ICDRR, following reception of one frame of data using
ICDRS. If additional data is received while the ICDRF flag is 1, data is transferred automatically
from ICDRS to ICDRR by reading from ICDR. In transmit mode, no data is transferred from
ICDRS to ICDRR. Always set IIC to receive mode before reading from ICDR.
If the number of bits in a frame, excluding the acknowledge bit, is less than eight, transmit data
and receive data are stored differently. Transmit data should be written justified toward the MSB
side when MLS = 0 in ICMR, and toward the LSB side when MLS = 1. Receive data bits should
be read from the LSB side when MLS = 0, and from the MSB side when MLS = 1.
ICDR can be written to and read from only when the ICE bit is set to 1 in ICCR. The initial value
of ICDR is undefined.
18.3.2
Slave Address Register (SAR)
SAR sets the slave address and selects the communication format. When the LSI is in slave mode
with the I
2C bus format selected, if the FS bit is set to 0 and the upper 7 bits of SAR match the
upper 7 bits of the first frame received after a start condition, the LSI operates as the slave device
specified by the master device. SAR can be accessed only when the ICE bit in ICCR is cleared to
0.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
SVA6
SVA5
SVA4
SVA3
SVA2
SVA1
SVA0
All 0
R/W
Slave Addresses 6 to 0
Set a slave address.
0
FS
0
R/W
Format Select
Selects the communication format together with the FSX
bit in SARX. Refer to table 18.2.
This bit should be set to 0 when general call address
recognition is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com