công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 641 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 641 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 637Page - Renesas Technology Corp H8S/2472 Datasheet HTML 638Page - Renesas Technology Corp H8S/2472 Datasheet HTML 639Page - Renesas Technology Corp H8S/2472 Datasheet HTML 640Page - Renesas Technology Corp H8S/2472 Datasheet HTML 641Page - Renesas Technology Corp H8S/2472 Datasheet HTML 642Page - Renesas Technology Corp H8S/2472 Datasheet HTML 643Page - Renesas Technology Corp H8S/2472 Datasheet HTML 644Page - Renesas Technology Corp H8S/2472 Datasheet HTML 645Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 641 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 593 of 1198
REJ09B0403-0200
18.3.3
Second Slave Address Register (SARX)
SARX sets the second slave address and selects the communication format. In slave mode,
transmit/receive operations by the DTC are possible when the received address matches the
second slave address. When the LSI is in slave mode with the I
2C bus format selected, if the FSX
bit is set to 0 and the upper 7 bits of SARX match the upper 7 bits of the first frame received after
a start condition, the LSI operates as the slave device specified by the master device. SARX can be
accessed only when the ICE bit in ICCR is cleared to 0.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
SVAX6
SVAX5
SVAX4
SVAX3
SVAX2
SVAX1
SVAX0
All 0
R/W
Second Slave Addresses 6 to 0
Set the second slave address.
0
FSX
1
R/W
Format Select X
Selects the communication format together with the FS bit
in SAR. Refer to table 18.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com