công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 639 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 639 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 635Page - Renesas Technology Corp H8S/2472 Datasheet HTML 636Page - Renesas Technology Corp H8S/2472 Datasheet HTML 637Page - Renesas Technology Corp H8S/2472 Datasheet HTML 638Page - Renesas Technology Corp H8S/2472 Datasheet HTML 639Page - Renesas Technology Corp H8S/2472 Datasheet HTML 640Page - Renesas Technology Corp H8S/2472 Datasheet HTML 641Page - Renesas Technology Corp H8S/2472 Datasheet HTML 642Page - Renesas Technology Corp H8S/2472 Datasheet HTML 643Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 639 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 591 of 1198
REJ09B0403-0200
18.3
Register Descriptions
The I
2C bus interface has the following registers. Registers ICDR and SARX and registers ICMR
and SAR are allocated to the same addresses. Accessible registers differ depending on the ICE bit
in ICCR. When the ICE bit is cleared to 0, SAR and SARX can be accessed, and when the ICE bit
is set to 1, ICMR and ICDR can be accessed.
• I2C bus data register (ICDR)
• Slave address register (SAR)
• Second slave address register (SARX)
• I2C bus mode register (ICMR)
• I2C bus transfer rate select register (IICX3)
• I2C bus control register (ICCR)
• I2C bus status register (ICSR)
• I2C bus extended control register (ICXR)
• I2C SMbus control register (ICSMBCR)
18.3.1
I
2C Bus Data Register (ICDR)
ICDR is an 8-bit readable/writable register that is used as a transmit data register when
transmitting and a receive data register when receiving. ICDR is divided internally into a shift
register (ICDRS), receive buffer (ICDRR), and transmit buffer (ICDRT). Data transfers among the
three registers are performed automatically in accordance with changes in the bus state, and they
affect the status of internal flags such as ICDRE and ICDRF.
In master transmit mode with the I
2C bus format, writing transmit data to ICDR should be
performed after start condition detection. When the start condition is detected, previous write data
is ignored. In slave transmit mode, writing should be performed after the slave addresses match
and the TRS bit is automatically changed to 1.
If IIC is in transmit mode (TRS = 1) and the next data is in ICDRT (the ICDRE flag is 0), data is
transferred automatically from ICDRT to ICDRS, following transmission of one frame of data
using ICDRS. When the ICDRE flag is 1 and the next transmit data writing is waited, data is
transferred automatically from ICDRT to ICDRS by writing to ICDR. If IIC is in receive mode
(TRS = 0), no data is transferred from ICDRT to ICDRS. Note that data should not be written to
ICDR in receive mode.
Reading receive data from ICDR is performed after data is transferred from ICDRS to ICDRR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com