công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 643 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 643 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 639Page - Renesas Technology Corp H8S/2472 Datasheet HTML 640Page - Renesas Technology Corp H8S/2472 Datasheet HTML 641Page - Renesas Technology Corp H8S/2472 Datasheet HTML 642Page - Renesas Technology Corp H8S/2472 Datasheet HTML 643Page - Renesas Technology Corp H8S/2472 Datasheet HTML 644Page - Renesas Technology Corp H8S/2472 Datasheet HTML 645Page - Renesas Technology Corp H8S/2472 Datasheet HTML 646Page - Renesas Technology Corp H8S/2472 Datasheet HTML 647Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 643 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 595 of 1198
REJ09B0403-0200
18.3.4
I
2C Bus Mode Register (ICMR)
ICMR sets the communication format and transfer rate. It can only be accessed when the ICE bit
in ICCR is set to 1.
Bit
Bit Name
Initial
Value
R/W
Description
7
MLS
0
R/W
MSB-First/LSB-First Select
0: MSB-first
1: LSB-first
Set this bit to 0 when the I
2C bus format is used.
6
WAIT
0
R/W
Wait Insertion Bit
This bit is valid only in master mode with the I
2C bus
format.
0: Data and the acknowledge bit are transferred
consecutively with no wait inserted.
1: After the fall of the clock for the final data bit (8th
clock), the IRIC flag is set to 1 in ICCR, and a wait state
begins (with SCL at the low level). When the IRIC flag
is cleared to 0 in ICCR, the wait ends and the
acknowledge bit is transferred.
For details, refer to section 18.4.7, IRIC Setting Timing
and SCL Control.
5
4
3
CKS2
CKS1
CKS0
All 0
R/W
Transfer Clock Select
These bits are used only in master mode.
These bits select the required transfer clock rate, together
with bits IICX5 (channel 5), IICX4 (channel 4), and IICX3
(channel 3) in the IICX3 register and bits IICX2 (channel
2), IICX1 (channel 1), and IICX0 (channel 0) in the STCR
register. Refer to table 18.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com