công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 632 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 632 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 628Page - Renesas Technology Corp H8S/2472 Datasheet HTML 629Page - Renesas Technology Corp H8S/2472 Datasheet HTML 630Page - Renesas Technology Corp H8S/2472 Datasheet HTML 631Page - Renesas Technology Corp H8S/2472 Datasheet HTML 632Page - Renesas Technology Corp H8S/2472 Datasheet HTML 633Page - Renesas Technology Corp H8S/2472 Datasheet HTML 634Page - Renesas Technology Corp H8S/2472 Datasheet HTML 635Page - Renesas Technology Corp H8S/2472 Datasheet HTML 636Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 632 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 584 of 1198
REJ09B0403-0200
Before switching transmission mode (TE = 1) or reception mode (RE = 1) to
transmission/reception mode (TE = RE = 1), clear the TE and RE bits to 0. When starting the
transfer, confirm that the TEND, RDRF, and ORER bits are cleared to 0 before setting the TE or
RE bits to 1.
Yes
Start
Initial setting
[1]
[2]
[1] Initial setting:
Specify the transmit/receive data format.
[2] Check the SSU state and write transmit data:
Write transmit data to SSTDR after reading and
confirming that the TDRE bit in SSSR is 1. The TDRE bit
is automatically cleared to 0 and transmission is started
by writing data to SSTDR.
[3] Check the SSU state:
Read SSSR confirming that the RDRF bit is 1.
A change of the RDRF bit (from 0 to 1) can be notified
by RXI interrupt.
[4] Receive error processing:
When a receive error occurs, execute the designated
error processing after reading the ORER bit in SSSR.
After that, clear the ORER bit to 0. While the ORER bit is
set to 1, transmission or reception is not resumed.
[5] Procedure for consecutive data transmission/reception:
To continue serial data transmission/reception, confirm
that the TDRE bit is 1 meaning that SSTDR is ready to be
written to. After that, data can be written to SSTDR. The
TDRE bit is automatically cleared to 0 by writing data to
SSTDR.
[4]
[5]
[3]
Transmission/reception started
(TE = 1, RE = 1)
Read TDRE in SSSR.
TDRE = 1?
Yes
Yes
Yes
No
No
No
No
Write transmit data to SSTDR
TDRE automatically cleared
Data transferred from SSTDR to SSTRSR
TDRE set to 1 to start transmission
Read SSSR
RDRF = 1?
ORER = 1?
Read receive data in SSRDR
RDRF automatically cleared
Consecutive data
transmission/reception?
Clear TEND in SSSR to 0
Clear TE and RE in SSER to 0
Error processing
End transmission/reception
Note: Hatching boxes represent SSU internal operations.
Figure 17.17 Flowchart Example of Simultaneous Transmission/Reception
(Clock Synchronous Communication Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com