công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 628 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 628 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 624Page - Renesas Technology Corp H8S/2472 Datasheet HTML 625Page - Renesas Technology Corp H8S/2472 Datasheet HTML 626Page - Renesas Technology Corp H8S/2472 Datasheet HTML 627Page - Renesas Technology Corp H8S/2472 Datasheet HTML 628Page - Renesas Technology Corp H8S/2472 Datasheet HTML 629Page - Renesas Technology Corp H8S/2472 Datasheet HTML 630Page - Renesas Technology Corp H8S/2472 Datasheet HTML 631Page - Renesas Technology Corp H8S/2472 Datasheet HTML 632Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 628 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 580 of 1198
REJ09B0403-0200
(2)
Data Transmission
Figure 17.13 shows an example of transmission operation, and figure 17.14 shows a flowchart
example of data transmission. When transmitting data in clock synchronous communication mode,
the SSU operates as shown below.
In master mode, the SSU outputs a transfer clock and data. In slave mode, when a transfer clock is
input to the SSCK pin, the SSU outputs data in synchronization with the transfer clock.
Writing transmit data to SSTDR after the TE bit is set to 1 clears the TDRE bit in SSSR to 0, and
the SSTDR contents are transferred to SSTRSR. After that, the SSU sets the TDRE bit to 1 and
starts transmission. At this time, if the TIE bit in SSER is set to 1, a TXI interrupt is generated.
When 1-frame data has been transferred with TDRE = 0, the SSTDR contents are transferred to
SSTRSR to start the next frame transmission. When the 8th bit of transmit data has been
transferred with TDRE = 1, the TEND bit in SSSR is set to 1 and the state is retained. At this time,
if the TEIE bit is set to 1, a TEI interrupt is generated.
While the ORER bit in SSSR is set to 1, transmission is not performed. Check that the ORER bit
is cleared to 0.
LSI operation
User operation
SSO
SSCK
TDRE
TEND
Data written
to SSTDR
TXI interrupt
generated
TEI interrupt
generated
TXI interrupt
generated
Data written
to SSTDR
Bit 0
Bit 1
Bit 7
Bit 0
Bit 1
Bit 7
1 frame
1 frame
Figure 17.13 Example of Transmission Operation
(Clock Synchronous Communication Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com