công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 633 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 633 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 629Page - Renesas Technology Corp H8S/2472 Datasheet HTML 630Page - Renesas Technology Corp H8S/2472 Datasheet HTML 631Page - Renesas Technology Corp H8S/2472 Datasheet HTML 632Page - Renesas Technology Corp H8S/2472 Datasheet HTML 633Page - Renesas Technology Corp H8S/2472 Datasheet HTML 634Page - Renesas Technology Corp H8S/2472 Datasheet HTML 635Page - Renesas Technology Corp H8S/2472 Datasheet HTML 636Page - Renesas Technology Corp H8S/2472 Datasheet HTML 637Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 633 / 1250 page
background image
Section 17 Synchronous Serial Communication Unit (SSU)
Rev. 2.00 Aug. 20, 2008 Page 585 of 1198
REJ09B0403-0200
17.5
Interrupt Requests
The SSU interrupt requests are an overrun error, a conflict error, a receive data register full,
transmit data register empty, and a transmit end interrupts. Of these interrupt sources, a receive
data register full, a transmit data register empty, and a transmit end interrupts can activate the
DTC for data transfer.
Since both an overrun error and a conflict error interrupts are allocated to the SSERI vector
address, and both a transmit data register empty and a transmit end interrupts are allocated to the
SSTXI vector address, the interrupt source should be decided by their flags. Table 17.5 lists the
interrupt sources.
When an interrupt condition shown in table 17.5 is satisfied, an interrupt is requested. Clear the
interrupt source by CPU or DTC data transfer.
Table 17.5
Interrupt Sources
Abbreviation
Interrupt Source
Symbol
Interrupt Condition
DTC Activation
SSERI
Overrun error
OEI
(RIE = 1)
• (ORER = 1)
Conflict error
CEI
(CEIE = 1)
• (CE = 1)
SSRXI
Receive data register full
RXI
(RIE = 1)
• (RDRF = 1)
Yes
SSTXI
Transmit data register empty
TXI
(TIE = 1)
• (TDRE = 1)
Yes
Transmit end
TEI
(TEIE = 1)
• (TEND = 1)
Yes
17.6
Usage Note
17.6.1
Setting of Module Stop Mode
The SSU can be enabled/disabled by the module stop control register setting and is disabled by the
initial value. Canceling module stop mode enables to access the SSU registers. For details, see
section 28, Power-Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com