công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 199 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 199 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 195Page - Renesas Technology Corp H8S/2112R Datasheet HTML 196Page - Renesas Technology Corp H8S/2112R Datasheet HTML 197Page - Renesas Technology Corp H8S/2112R Datasheet HTML 198Page - Renesas Technology Corp H8S/2112R Datasheet HTML 199Page - Renesas Technology Corp H8S/2112R Datasheet HTML 200Page - Renesas Technology Corp H8S/2112R Datasheet HTML 201Page - Renesas Technology Corp H8S/2112R Datasheet HTML 202Page - Renesas Technology Corp H8S/2112R Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 984 page
background image
Section 8 I/O Ports
Rev. 1.00 May 09, 2008 Page 173 of 954
REJ09B0462-0100
(3)
P84/
IRQ3/TxD1
The pin function is switched as shown below according to the combination of the TE bit in SCR of
SCI_1 and the P84DDR bit. When the ISS3 bit in ISSR is cleared to 0 and the IRQ3E bit in IER of
the interrupt controller is set to 1, this pin functions as the
IRQ3 input pin.
TE
0
1
P84DDR
0
1
P84 input pin
P84 output pin
TxD1 output pin
Pin function
IRQ3 input pin
(4)
P83/
LPCPD
The pin function is switched as shown below according to the combination of the FSILIE bit in
SLCR of FSI, and the SCIFE bit in HICR5, the LPC4E bit in HICR4, and the LPC3E to LPC1E
bits in HICR0 of LPC, and the P83DDR bit. LPCENABLE in the following table is expressed by
the following logical expression.
LPCENABLE = 1: FSILIE + SCIFE + LPC4E + LPC3E + LPC2E + LPC1E
LPCENABLE
0
1
P83DDR
0
1
Pin function
P83 input pin
P83 output pin
LPCPD input pin
(5)
P82/
CLKRUN
The pin function is switched as shown below according to the combination of the FSILIE bit in
SLCR of FSI, and the SCIFE bit in HICR5, the LPC4E bit in HICR4, and the LPC3E to LPC1E
bits in HICR0 of LPC, and the P82DDR bit. LPCENABLE in the following table is expressed by
the following logical expression.
LPCENABLE = 1: FSILIE + SCIFE + LPC4E + LPC3E + LPC2E + LPC1E
LPCENABLE
0
1
P82DDR
0
1
Pin function
P82 input pin
P82 output pin
CLKRUN I/O pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com