công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 195 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 195 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 191Page - Renesas Technology Corp H8S/2112R Datasheet HTML 192Page - Renesas Technology Corp H8S/2112R Datasheet HTML 193Page - Renesas Technology Corp H8S/2112R Datasheet HTML 194Page - Renesas Technology Corp H8S/2112R Datasheet HTML 195Page - Renesas Technology Corp H8S/2112R Datasheet HTML 196Page - Renesas Technology Corp H8S/2112R Datasheet HTML 197Page - Renesas Technology Corp H8S/2112R Datasheet HTML 198Page - Renesas Technology Corp H8S/2112R Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 984 page
background image
Section 8 I/O Ports
Rev. 1.00 May 09, 2008 Page 169 of 954
REJ09B0462-0100
(7)
P41/TMO0/TCMCKI0/TCMMCI0
The pin function is switched as shown below according to the combination of the OS3 to OS0 bits
in TCSR of TMR_0 and the P41DDR bit. When an external clock is selected by the CKS2 to
CKS0 bits in TCMCR of TCM_0, the pin functions as the TCMCKI0 input pin. When the CMMS
bit in TCMIER of TCM_0 is set to 1, the pin functions as the TCMMCI0 input pin.
OS3 to OS0
All 0
Any of them is 1
P41DDR
0
1
P41 input pin
P41 output pin
TMO0 output pin
Pin function
TCMCKI0 input pin/TCMMCI0 input pin
(8)
P40/TMI0/TCMCYI0
The pin function is switched as shown below according to the P40DDR bit. TMRI0 and TMCI0
are multiplexed as the TMI0 input pin. When the CCLR1 and CCLR0 bits in TCR of TMR_0 are
set to 1, the pin functions as the TMI0 (TMRI0) input pin. When an external clock is selected by
the CKS2 to CKS0 bits in TCR of TMR_0, the pin functions as the TMI0 (TMCI0) input pin.
When the TCMIPE bit in TCMIER_0 of TCM_0 is set to 1, the pin functions as the TCMCYI0
input pin.
P40DDR
0
1
P40 input pin
P40 output pin
Pin function
TMI0 input pin/TCMCYI0 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com