công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 202 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 202 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 198Page - Renesas Technology Corp H8S/2112R Datasheet HTML 199Page - Renesas Technology Corp H8S/2112R Datasheet HTML 200Page - Renesas Technology Corp H8S/2112R Datasheet HTML 201Page - Renesas Technology Corp H8S/2112R Datasheet HTML 202Page - Renesas Technology Corp H8S/2112R Datasheet HTML 203Page - Renesas Technology Corp H8S/2112R Datasheet HTML 204Page - Renesas Technology Corp H8S/2112R Datasheet HTML 205Page - Renesas Technology Corp H8S/2112R Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 984 page
background image
Section 8 I/O Ports
Rev. 1.00 May 09, 2008 Page 176 of 954
REJ09B0462-0100
8.2.10
Port A
(1)
PA7/
KIN15, PA6/KIN14, PA1/KIN9, PA0/KIN8
The pin function is switched according to the PAnDDR bit. When the KMIMRm bit in KMIMRA
of the interrupt controller is cleared to 0, this pin functions as the
KINm input pin.
PAnDDR
0
1
PAn input pin
PAn output pin
Pin function
KINm input pin
(n = 7, 6, 1, 0, m = 15, 14, 9, 8)
Note:
When the IICS bit in STCR is set to 1, the output format for PA7 and PA6 is NMOS open-
drain, and direct bus drive is possible.
(2)
PA5/
KIN13/PS2BD, PA4/KIN12/PCS2BC, PA3/KIN11/PS2AD, PA2/KIN10/PS2AC
The pin function is switched according to the combination of the KBIOE bit in KBCRH of PS2
and the PAnDDR bit. When the KMIMRm bit in KMIMRA of the interrupt controller is cleared to
0, this pin functions as the
KINm input pin.
KBIOE
0
1
PAnDDR
0
1
PAn input pin
PAn output pin
PS2 I/O pin
Pin function
KINm input pin
(n = 5 to 2, m = 13 to 10)
Note:
When the KBIOE bit is set to 1, this pin functions as an NMOS open-drain output, and direct
bus drive is possible.
When the IICS bit in STCR is set to 1, the output format for PA5 and PA4 is NMOS open-
drain, and direct bus drive is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com