công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 201 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 201 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 197Page - Renesas Technology Corp H8S/2112R Datasheet HTML 198Page - Renesas Technology Corp H8S/2112R Datasheet HTML 199Page - Renesas Technology Corp H8S/2112R Datasheet HTML 200Page - Renesas Technology Corp H8S/2112R Datasheet HTML 201Page - Renesas Technology Corp H8S/2112R Datasheet HTML 202Page - Renesas Technology Corp H8S/2112R Datasheet HTML 203Page - Renesas Technology Corp H8S/2112R Datasheet HTML 204Page - Renesas Technology Corp H8S/2112R Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 984 page
background image
Section 8 I/O Ports
Rev. 1.00 May 09, 2008 Page 175 of 954
REJ09B0462-0100
8.2.9
Port 9
(1)
P97/
IRQ15/SDA0
The pin function is switched as shown below according to the combination of the ICE bit in ICCR
of IIC_0 and the P97DDR bit. When the ISS15 bit in ISSR16 is cleared to 0 and the IRQ15E bit in
IER16 of the interrupt controller is set to 1, this pin functions as the
IRQ15 input pin.
ICE
0
1
P97DDR
0
1
P97 input pin
P97 output pin
SDA0 I/O pin
Pin function
IRQ15 input pin
Note:
The output format for SDA0 is NMOS output only and direct bus drive is possible. When this
pin is used as the P97 output pin, the output format is NMOS push-pull.
(2)
P96/
φ/EXCL
The pin function is switched as shown below according to the combination of the register settings
of the EXCLS bit in PTCNT0 and the EXCLE bit in LPWRCR, and the P96DDR bit.
P96DDR
0
1
EXCLS
0
1
EXCLE
0
1
Pin function
P96 input pin
EXCL input pin
P96 input pin
φ output pin
(3)
P95/
IRQ14, P94/IRQ13, P93/IRQ12, P92/IRQ0, P91/IRQ1, P90/IRQ2
The pin function is switched as shown below according to the P9nDDR bit. When the ISSm bit in
ISSR (ISSR16) is cleared to 0 and the IRQmE bit in IER (IER16) of the interrupt controller is set
to 1, this pin functions as the
IRQm input pin.
P9nDDR
0
1
P9n input pin
P9n output pin
Pin function
IRQm input pin
(n
= 5 to 0)
(m
= 14 to 12, 2 to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com