công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 206 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 206 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 202Page - Renesas Technology Corp H8S/2112R Datasheet HTML 203Page - Renesas Technology Corp H8S/2112R Datasheet HTML 204Page - Renesas Technology Corp H8S/2112R Datasheet HTML 205Page - Renesas Technology Corp H8S/2112R Datasheet HTML 206Page - Renesas Technology Corp H8S/2112R Datasheet HTML 207Page - Renesas Technology Corp H8S/2112R Datasheet HTML 208Page - Renesas Technology Corp H8S/2112R Datasheet HTML 209Page - Renesas Technology Corp H8S/2112R Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 984 page
background image
Section 8 I/O Ports
Rev. 1.00 May 09, 2008 Page 180 of 954
REJ09B0462-0100
8.2.12
Port C
(1)
PC7/
WUE15/TIOCB2/TCLKD
The pin function is switched as shown below according to the combination of the TPU channel 2
setting, the TPSC2 to TPSC0 bits in TCR_0 of TPU, and the PC7DDR bit.
When the WUEMR15 bit in WUEMR of the interrupt controller is cleared to 0, this pin functions
as the
WUE15 input pin.
TPU channel 2 setting
Input setting or initial value
Output setting
PC7DDR
0
1
PC7 input pin
PC7 output pin
TIOCB2 input pin*
2
TIOCB2 output pin
Pin function
WUE15 input pin/TCLKD input pin*1
Notes: 1. This pin functions as the TCLKD input pin when the TPSC2 to TPSC0 bits in TCR_0
are B'111. Also, when channel 2 is set to phase counting mode, this pin functions as the
TCLKD input pin.
2. This pin functions as the TIOCB2 input pin when the TPU channel 2 timer is set to
normal operation mode, or to phase counting mode while the IOB3 bit in TIOR_2 is set
to 1.
(2)
PC6/
WUE14/TIOCA2
The pin function is switched as shown below according to the combination of the TPU channel 2
setting and the PC6DDR bit.
When the WUEMR14 bit in WUEMR of the interrupt controller is cleared to 0, this pin functions
as the
WUE14 input pin.
TPU channel 2 setting
Input setting or initial value
Output setting
PC6DDR
0
1
PC6 input pin
PC6 output pin
TIOCA2 input pin*
TIOCA2 output pin
Pin function
WUE14 input pin
Note:
*
This pin functions as the TIOCA2 input pin when the TPU channel 2 timer is set to
normal operation mode, or to phase counting mode while the IOA3 bit in TIOR_2 is set
to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com