công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 208 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 208 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 204Page - Renesas Technology Corp H8S/2112R Datasheet HTML 205Page - Renesas Technology Corp H8S/2112R Datasheet HTML 206Page - Renesas Technology Corp H8S/2112R Datasheet HTML 207Page - Renesas Technology Corp H8S/2112R Datasheet HTML 208Page - Renesas Technology Corp H8S/2112R Datasheet HTML 209Page - Renesas Technology Corp H8S/2112R Datasheet HTML 210Page - Renesas Technology Corp H8S/2112R Datasheet HTML 211Page - Renesas Technology Corp H8S/2112R Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 984 page
background image
Section 8 I/O Ports
Rev. 1.00 May 09, 2008 Page 182 of 954
REJ09B0462-0100
(5)
PC3/
WUE11/TIOCD0/TCLKB
The pin function is switched as shown below according to the combination of the TPU channel 0
setting, the TPSC2 to TPSC0 bits in any of TCR_0 to TCR_2 of TPU, and the PC3DDR bit.
When the WUEMR11 bit in WUEMRA of the interrupt controller is cleared to 0, this pin
functions as the
WUE11 input pin.
TPU channel 0 setting
Input setting or initial value
Output setting
PC3DDR
0
1
PC3 input pin
PC3 output pin
TIOCD0 input pin*
2
TIOCD0 output pin
Pin function
WUE11 input pin/TCLKB input pin*1
Notes: 1. This pin functions as the TCLKB input pin when the TPSC2 to TPSC0 bits in any of
TCR_0 to TCR_2 are B'101. Also, when channel 0 is set to phase counting mode, this
pin functions as the TCLKB input pin.
2. This pin functions as the TIOCD0 input pin when the TPU channel 0 timer is set to
normal operation mode, or to phase counting mode while the IOD3 to IOD0 bits in
TIOR_0 are set to B'10xx. (x: Don't care)
(6)
PC2/
WUE10/TIOCC0/TCLKA
The pin function is switched as shown below according to the combination of the TPU channel 0
setting, the TPSC2 to TPSC0 bits in any of TCR_0 to TCR_2 of TPU, and the PC2DDR bit.
When the WUEMR10 bit in WUEMRA of the interrupt controller is cleared to 0, this pin
functions as the
WUE10 input pin.
TPU channel 0 setting
Input setting or initial value
Output setting
PC2DDR
0
1
PC2 input pin
PC2 output pin
TIOCC0 input pin*
2
TIOCC0 output pin
Pin function
WUE10 input pin/TCLKA input pin*1
Notes: 1. This pin functions as the TCLKA input pin when the TPSC2 to TPSC0 bits in any of
TCR_0 to TCR_2 are B'100. Also, when channel 0 is set to phase counting mode, this
pin functions as the TCLKA input pin.
2. This pin functions as the TIOCC0 input pin when the TPU channel 0 timer is set to
normal operation mode, or to phase counting mode while the IOC3 to IOC0 bits in
TIOR_0 are set to B'10xx. (x: Don't care)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com