công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 212 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 212 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 208Page - Renesas Technology Corp H8S/2112R Datasheet HTML 209Page - Renesas Technology Corp H8S/2112R Datasheet HTML 210Page - Renesas Technology Corp H8S/2112R Datasheet HTML 211Page - Renesas Technology Corp H8S/2112R Datasheet HTML 212Page - Renesas Technology Corp H8S/2112R Datasheet HTML 213Page - Renesas Technology Corp H8S/2112R Datasheet HTML 214Page - Renesas Technology Corp H8S/2112R Datasheet HTML 215Page - Renesas Technology Corp H8S/2112R Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 984 page
background image
Section 8 I/O Ports
Rev. 1.00 May 09, 2008 Page 186 of 954
REJ09B0462-0100
8.2.15
Port F
(1)
PF7/PWMU5A, PF6/PWMU4A, PF5/PWMU3A, PF4/PWMU2A
The pin function is switched as shown below according to the combination of the PWMmE bit in
PWMOUTCR of PWMU_A and the PFnDDR bit.
PFnDDR
0
1
PWMmE
0
1
Pin function
PFn input pin
PFn output pin
PWMUmA output pin
(n = 7 to 4, m = 5 to 2)
(2)
PF3/TMOX/
IRQ11
The pin function is switched as shown below according to the combination of the OS3 to OS0 bits
in TCSR of TMR_X and the PF3DDR bit.
When the ISS11 bit in ISSR16 is cleared to 0 and the IRQ11E bit in IER16 of the interrupt
controller is set to 1, this functions as the
IRQ11 input pin.
OS3 to OS0
All 0
Any of them is 1
PF3DDR
0
1
PF3 input pin
PF3 output pin
TMOX output pin
Pin function
IRQ11 input pin
(3)
PF2/TMOY/
IRQ10
The pin function is switched as shown below according to the combination of the OS3 to OS0 bits
in TCSR of TMR_Y and the PF2DDR bit.
When the ISS10 bit in ISSR16 is cleared to 0 and the IRQ10E bit in IER16 of the interrupt
controller is set to 1, this pin functions as the
IRQ10 input pin.
OS3 to OS0
All 0
Any of them is 1
PF2DDR
0
1
PF2 input pin
PF2 output pin
TMOY output pin
Pin function
IRQ10 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com