công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 487 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 487 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 483Page - Renesas Technology Corp H8S/2112R Datasheet HTML 484Page - Renesas Technology Corp H8S/2112R Datasheet HTML 485Page - Renesas Technology Corp H8S/2112R Datasheet HTML 486Page - Renesas Technology Corp H8S/2112R Datasheet HTML 487Page - Renesas Technology Corp H8S/2112R Datasheet HTML 488Page - Renesas Technology Corp H8S/2112R Datasheet HTML 489Page - Renesas Technology Corp H8S/2112R Datasheet HTML 490Page - Renesas Technology Corp H8S/2112R Datasheet HTML 491Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 487 / 984 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 May 09, 2008 Page 461 of 954
REJ09B0462-0100
• FDLL
Bit
Bit Name
Initial Value
R/W
Description
7 to 0
Bit 7 to
bit 0
All 0
R/W
Lower 8 bits of divisor latch
Baud rate = (Clock frequency input to baud rate generator) / (16
× divisor value)
16.3.6
Interrupt Enable Register (FIER)
FIER is a register that enables or disables interrupts. It is accessible when the DLAB bit in FLCR
is 0.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
All 0
R
Reserved
This bit is always read as 0 and cannot be modified.
3
EDSSI
0
R/W
Modem Status Interrupt Enable
0: Modem status interrupt disabled
1: Modem status interrupt enabled
2
ELSI
0
R/W
Receive Line Status Interrupt Enable
0: Receive line status interrupt disabled
1: Receive line status interrupt enabled
1
ETBEI
0
R/W
FTHR Empty Interrupt Enable
0: FTHR empty interrupt disabled
1: FTHR empty interrupt enabled
0
ERBFI
0
R/W
Receive Data Ready Interrupt Enable
A character timeout interrupt is included when the
FIFO is enabled.
0: Receive data ready interrupt disabled
1: Receive data ready interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com