công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 486 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 486 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 482Page - Renesas Technology Corp H8S/2112R Datasheet HTML 483Page - Renesas Technology Corp H8S/2112R Datasheet HTML 484Page - Renesas Technology Corp H8S/2112R Datasheet HTML 485Page - Renesas Technology Corp H8S/2112R Datasheet HTML 486Page - Renesas Technology Corp H8S/2112R Datasheet HTML 487Page - Renesas Technology Corp H8S/2112R Datasheet HTML 488Page - Renesas Technology Corp H8S/2112R Datasheet HTML 489Page - Renesas Technology Corp H8S/2112R Datasheet HTML 490Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 984 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 May 09, 2008 Page 460 of 954
REJ09B0462-0100
16.3.3
Transmitter Shift Register (FTSR)
FTSR is a register that converts parallel data to serial data and then transmits the serial data from
the FTxD pin. When one frame transmission of serial data is completed, the next data is
transferred from FTHR. The serial data is transmitted from the LSB (bit 0).
FTSR cannot be written from the H8S CPU/LPC interface.
16.3.4
Transmitter Holding Register (FTHR)
FTHR is an 8-bit write-only register that stores serial transmit data. It is accessible when the
DLAB bit in FLCR is 0. Write transmit data while the THRE bit in FLCR is set to 1.
Data can be written to FTHR when the THRE bit is set with the FIFO disabled. If data is written to
FTHR when the THRE bit is not set, the data is overwritten.
While the THRE bit is set with the FIFO enabled, up to 16 bytes of data can be written. If data is
written with the FIFO full, the written data is lost.
Bit
Bit Name
Initial Value
R/W
Description
7 to 0
Bit 7 to
bit 0
W
Stores serial data to be transmitted.
The data is 16 bytes when the FIFO is enabled.
16.3.5
Divisor Latch H, L (FDLH, FDLL)
The FDLH and FDLL are registers used to set the baud rate. They are accessible when the DLAB
bit in FLCR is 1. Frequency division ranging from 1 to (2
16
− 1) can be set with these registers.
The frequency divider circuit stops when both of FDLH and FDLL are 0 (initial value).
• FDLH
Bit
Bit Name
Initial Value
R/W
Description
7 to 0
Bit 7 to
bit 0
All 0
R/W
Upper 8 bits of divisor latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com