công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 485 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 485 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 481Page - Renesas Technology Corp H8S/2112R Datasheet HTML 482Page - Renesas Technology Corp H8S/2112R Datasheet HTML 483Page - Renesas Technology Corp H8S/2112R Datasheet HTML 484Page - Renesas Technology Corp H8S/2112R Datasheet HTML 485Page - Renesas Technology Corp H8S/2112R Datasheet HTML 486Page - Renesas Technology Corp H8S/2112R Datasheet HTML 487Page - Renesas Technology Corp H8S/2112R Datasheet HTML 488Page - Renesas Technology Corp H8S/2112R Datasheet HTML 489Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 984 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 May 09, 2008 Page 459 of 954
REJ09B0462-0100
Table 16.3
Register Access
SCIFE Bit in HICR5
0
1
Bit 3 in MSTPCRB
0
1
0
1
SCIFCR
H8S CPU
access*
2
Access disabled
H8S CPU
access*
2
Access disabled
Other than SCIFCR
H8S CPU
access*
2
Access disabled
LPC access*
1
LPC access*
1
Notes: 1. When LPC access is set, writing from the H8S CPU is disabled. The read value is H'FF.
2. When H8S CPU access is set, writing from the LPC is disabled. The read value is H'00.
16.3.1
Receive Shift Register (FRSR)
FRSR is a register that receives data and converts serial data input from the FRxD pin to parallel
data. It stores the data in the order received from the LSB (bit 0). When one frame of serial data
has been received, the data is transferred to FRBR.
FRSR cannot be read from the CPU/LPC interface.
16.3.2
Receive Buffer Register (FRBR)
FRBR is an 8-bit read-only register that stores received serial data. It can read data correctly when
the DR bit in FLSR is set.
When the FIFO is disabled, the data in FRBR must be read before the next data is received. If new
data is received before the remaining data is read, the data is overwritten, resulting in an overrun
error.
When this register is read with the FIFO enabled, the first buffer of the receive FIFO is read.
When the receive FIFO becomes full, the subsequent receive data is lost, resulting in an overrun
error.
Bit
Bit Name
Initial Value
R/W
Description
7 to 0
Bit 7 to
bit 0
All 0
R
Stores received serial data.
The data is 16 bytes when the FIFO is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com