công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 484 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 484 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 480Page - Renesas Technology Corp H8S/2112R Datasheet HTML 481Page - Renesas Technology Corp H8S/2112R Datasheet HTML 482Page - Renesas Technology Corp H8S/2112R Datasheet HTML 483Page - Renesas Technology Corp H8S/2112R Datasheet HTML 484Page - Renesas Technology Corp H8S/2112R Datasheet HTML 485Page - Renesas Technology Corp H8S/2112R Datasheet HTML 486Page - Renesas Technology Corp H8S/2112R Datasheet HTML 487Page - Renesas Technology Corp H8S/2112R Datasheet HTML 488Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 484 / 984 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 May 09, 2008 Page 458 of 954
REJ09B0462-0100
16.3
Register Descriptions
The SCIF has the following registers. The register configuration of the SCIF is shown below.
Access to the registers is switched by the SCIFE bit in HICR5 and bit 3 in MSTPCRB. For details,
see table 16.3. For the SCIF address registers H and L (SCIFADRH, SCIFADRL) and serial IRQ
control register 4 (SIRQCR4), see section 20, LPC Interface (LPC).
Table 16.2
Register Configuration
Register Name
Abbreviation
R/W
Initial Value
Address
Data
Bus
Width
Host interface control register 5
HICR5
R/W
H'00
H'FFFE33
8
Module stop control register B
MSTPCRB
R/W
H'00
H'FFFE7F
8
Receive buffer register
FRBR
R
H'00
Transmitter holding register
FTHR
W
Divisor latch L
FDLL
R/W
H'00
H'FFFC20
8
Interrupt enable register
FIER
R/W
H'00
Divisor latch H
FDLH
R/W
H'00
H'FFFC21
8
Interrupt identification register
FIIR
R
H'01
FIFO control register
FFCR
W
H'00
H'FFFC22
8
Line control register
FLCR
R/W
H'00
H'FFFC23
8
Modem control register
FMCR
R/W
H'00
H'FFFC24
8
Line status register
FLSR
R
H'60
H'FFFC25
8
Modem status register
FMSR
R
H'FFFC26
8
Scratch pad register
FSCR
R/W
H'00
H'FFFC27
8
SCIF control register
SCIFCR
R/W
H'00
H'FFFC28
8
SCIF address register H
SCIFADRH
R/W
H'03
H'FFFDC4
8
SCIF address register L
SCIFADRL
R/W
H'F8
H'FFFDC5
8
Serial IRQ control register 4
SIRQCR4
R/W
H'00
H'FFFE3B
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com