công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 490 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 490 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 486Page - Renesas Technology Corp H8S/2112R Datasheet HTML 487Page - Renesas Technology Corp H8S/2112R Datasheet HTML 488Page - Renesas Technology Corp H8S/2112R Datasheet HTML 489Page - Renesas Technology Corp H8S/2112R Datasheet HTML 490Page - Renesas Technology Corp H8S/2112R Datasheet HTML 491Page - Renesas Technology Corp H8S/2112R Datasheet HTML 492Page - Renesas Technology Corp H8S/2112R Datasheet HTML 493Page - Renesas Technology Corp H8S/2112R Datasheet HTML 494Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 984 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 May 09, 2008 Page 464 of 954
REJ09B0462-0100
16.3.8
FIFO Control Register (FFCR)
FFCR is a write-only register that controls transmit/receive FIFOs.
Bit
Bit Name
Initial Value R/W
Description
7
6
RCVRTRIG1
RCVRTRIG0
0
0
W
W
Receive FIFO Interrupt Trigger Level 1, 0
These bits set the trigger level of the receive FIFO
interrupt.
00: 1 byte
01: 4 bytes
10: 8 bytes
11: 14 bytes
5, 4
–
Reserved
These bits cannot be modified.
3
DMAMODE
0
DMA Mode
This bit is not supported and cannot be modified.
2
XMITFRST
0
W
Transmit FIFO Reset
The transmit FIFO data is cleared when 1 is written.
However, FRSR data is not cleared. This bit is
automatically cleared.
1
RCVRFRST
0
W
Receive FIFO Reset
The receive FIFO data is cleared when 1 is written.
However, FTSR data is not cleared.
This bit is automatically cleared.
0
FIFOE
0
W
FIFO Enable
0: Transmit/receive FIFOs disabled
All bytes of these FIFOs are cleared.
1: Transmit/receive FIFOs enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com