công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 492 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 492 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 488Page - Renesas Technology Corp H8S/2112R Datasheet HTML 489Page - Renesas Technology Corp H8S/2112R Datasheet HTML 490Page - Renesas Technology Corp H8S/2112R Datasheet HTML 491Page - Renesas Technology Corp H8S/2112R Datasheet HTML 492Page - Renesas Technology Corp H8S/2112R Datasheet HTML 493Page - Renesas Technology Corp H8S/2112R Datasheet HTML 494Page - Renesas Technology Corp H8S/2112R Datasheet HTML 495Page - Renesas Technology Corp H8S/2112R Datasheet HTML 496Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 492 / 984 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 May 09, 2008 Page 466 of 954
REJ09B0462-0100
Bit
Bit Name
Initial Value R/W
Description
2
STOP
0
R/W
Stop Bit
Specifies the stop bit length for data transmission. For
data reception, only the first stop bit is checked
regardless of the setting.
0: 1 stop bit
1: 1.5 stop bits (data length: 5 bits) or 2 stop bits (data
length: 6 to 8 bits)
1
0
CLS1
CLS0
0
0
R/W
R/W
Character Length Select 1, 0
These bits specify transmit/receive character data
length.
00: Data length is 5 bits
01: Data length is 6 bits
10: Data length is 7 bits
11: Data length is 8 bits
16.3.10
Modem Control Register (FMCR)
FMCR controls output signals.
Bit
Bit Name
Initial Value R/W
Description
7 to 5
All 0
R
Reserved
These bits are always read as 1 and cannot be
modified.
4
LOOP
BACK
0
R/W
Loopback Test
The transmit data output is internally connected to the
receive data input, and the transmit data output pin
(FRxD) becomes 1. The receive data input pin is
disconnected from external sources. The four modem
control input pins (
DSR, CTS, RI, and DCD) are
disconnected from external sources, and the pins are
internally connected to the four modem control output
signals (
DTR, RTS, OUT1, and OUT2), respectively.
The transmit data is received immediately in loopback
mode. Enabling/disabling of interrupts is set by the
OUT2LOOP bit in SCIFCR and FIER.
0: Loopback function disabled
1: Loopback function enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com