công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 452 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 452 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 448Page - Renesas Technology Corp H8S/2112R Datasheet HTML 449Page - Renesas Technology Corp H8S/2112R Datasheet HTML 450Page - Renesas Technology Corp H8S/2112R Datasheet HTML 451Page - Renesas Technology Corp H8S/2112R Datasheet HTML 452Page - Renesas Technology Corp H8S/2112R Datasheet HTML 453Page - Renesas Technology Corp H8S/2112R Datasheet HTML 454Page - Renesas Technology Corp H8S/2112R Datasheet HTML 455Page - Renesas Technology Corp H8S/2112R Datasheet HTML 456Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 984 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 May 09, 2008 Page 426 of 954
REJ09B0462-0100
14.9.7
Notes on Switching from SCK Pins to Port Pins
When SCK pins are switched to port pins after transmission has completed, pins are enabled for
port output after outputting a low pulse of half a cycle as shown in figure 14.37.
SCK/Port
CKE0
CKE1
C/
A
TE
Data
1. Transmission end
2. TE = 0
3. C/
A = 0
4. Low pulse output
Bit 6
Bit 7
Low pulse of half a cycle
Figure 14.37 Switching from SCK Pins to Port Pins
To prevent the low pulse output that is generated when switching the SCK pins to the port pins,
specify the SCK pins for input (pull up the SCK/port pins externally), and follow the procedure
below with DDR = 1, DR = 1, C/
A = 1, CKE1 = 0, CKE0 = 0, and TE = 1.
1. End serial data transmission
2. TE bit = 0
3. CKE1 bit = 1
4. C/A bit = 0 (switch to port output)
5. CKE1 bit = 0
SCK/Port
CKE0
CKE1
C/
A
TE
Data
1. Transmission end
2. TE = 0
4. C/
A = 0
3. CKE1 = 1
5. CKE1 = 0
Bit 6
Bit 7
High output
Figure 14.38 Prevention of Low Pulse Output at Switching from SCK Pins to Port Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com