công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 449 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 449 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 445Page - Renesas Technology Corp H8S/2112R Datasheet HTML 446Page - Renesas Technology Corp H8S/2112R Datasheet HTML 447Page - Renesas Technology Corp H8S/2112R Datasheet HTML 448Page - Renesas Technology Corp H8S/2112R Datasheet HTML 449Page - Renesas Technology Corp H8S/2112R Datasheet HTML 450Page - Renesas Technology Corp H8S/2112R Datasheet HTML 451Page - Renesas Technology Corp H8S/2112R Datasheet HTML 452Page - Renesas Technology Corp H8S/2112R Datasheet HTML 453Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 984 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 May 09, 2008 Page 423 of 954
REJ09B0462-0100
14.9.6
SCI Operations during Mode Transitions
(1)
Transmission
Before making the transition to module stop or software standby, stop all transmit operations (TE
= TIE = TEIE = 0). TSR, TDR, and SSR are reset. The states of the output pins during each mode
depend on the port settings, and the pins output a high-level signal after mode is cancelled and
then the TE is set to 1 again. If the transition is made during data transmission, the data being
transmitted will be undefined.
To transmit data in the same transmission mode after mode cancellation, set TE to 1, read SSR,
write to TDR, clear TDRE in this order, and then start transmission. To transmit data in a different
transmission mode, initialize the SCI first.
Figure 14.33 shows a sample flowchart for mode transition during transmission. Figures 14.34 and
14.35 show the pin states during transmission.
Start transmission
Transmission
[1]
No
No
No
Yes
Yes
Yes
Read TEND flag in SSR
Make transition to
software standby mode etc.
Cancel software standby mode etc.
TE = 0
Initialization
TE = 1
[2]
[3]
All data transmitted
Change operating mode
TEND = 1
[1] Data being transmitted is lost halfway.
Data can be normally transmitted from
the CPU by setting TE to 1, reading
SSR, writing to TDR, and clearing
TDRE to 0 after mode cancellation.
[2] Also clear TIE and TEIE to 0 when
they are 1.
[3] Module stop mode and watch mode
are included.
Figure 14.33 Sample Flowchart for Mode Transition during Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com